Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB7216 Datasheet(PDF) 56 Page - Microchip Technology

Part # USB7216
Description  6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7216 Datasheet(HTML) 56 Page - Microchip Technology

Back Button USB7216 Datasheet HTML 52Page - Microchip Technology USB7216 Datasheet HTML 53Page - Microchip Technology USB7216 Datasheet HTML 54Page - Microchip Technology USB7216 Datasheet HTML 55Page - Microchip Technology USB7216 Datasheet HTML 56Page - Microchip Technology USB7216 Datasheet HTML 57Page - Microchip Technology USB7216 Datasheet HTML 58Page - Microchip Technology USB7216 Datasheet HTML 59Page - Microchip Technology USB7216 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
USB7216
DS00003143B-page 56
2018 - 2020 Microchip Technology Inc.
APPENDIX A: REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00003143B (10-20-20)
Cover
• Added bullet: “Programming of firmware
image to external SPI memory device
from USB host.”
• Updated “Configuration programming via
OTP ROM...” to “Configuration program-
ming via OTP Memory”
• Updated “Enhanced OEM configuration
options available through either OTP or
SPI ROM” to “Enhanced OEM configura-
tion options available through either OTP
or external SPI memory
• Updated USB Type-CTM to a registered
trademark, USB Type-C®
All
Updated USB 3.1 references to USB 3.2 per
latest USB IF guidelines.
Table 1-2
Added AIO buffer type.
Section 1.3, Pin Reset States
Added new pin reset state section/table.
Figure 2-1
Modified the block diagram
Section 3.1, Pin Assignments
• Added pin reset states to pin table.
Table 3-1, Pin Descriptions
• Added “If Unused” column and informa-
tion.
• Updated
DP1_VBUS_MON buffer type to
AIO, updated description and figure.
• Updated
VBUS_MON_UP buffer type to
AIO and updated description
Section 3.3.4, PF[31:3] Configuration
(CFG_STRAP[2:1])
• Updated PF29 assignment.
Table 3-6, Programmable Functions
Descriptions
• Added pin reset states to programmable
function descriptions.
Section 3.0, Pin Descriptions,
Figure 3-1, Table 3-1, Section 9.6.1,
Power Supply and RESET_N
Sequence Timing, Table 9-4
Removed VBUS_DET function (from pin 2).
Section 5.1.7, OTP Configuration
Stage (CFG_OTP)
Added note.
Section 7.1, SPI/SQI Master Interface Added new second paragraph.
Section 8.2.1, Port Power Control
using USB Power Switch
Added note after first paragraph.
Section 8.2.2, Port Power Control
using Poly Fuse
Added note after first paragraph.
Section 8.3, CC Pin Orientation and
Detection
Updated section description for clarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com