Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCMB2016R4X Datasheet(PDF) 3 Page - Weida Semiconductor, Inc.

Part # WCMB2016R4X
Description  128K x 16 Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCMB2016R4X Datasheet(HTML) 3 Page - Weida Semiconductor, Inc.

  WCMB2016R4X Datasheet HTML 1Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 2Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 3Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 4Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 5Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 6Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 7Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 8Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
WCMB2016R4X
Electrical Characteristics Over the Operating Range
Test Conditions
WCMB2016R4X
Param-
eter
Description
Min.
Typ.[4]
Max.
Unit
VOH
Output HIGH Voltage
IOH = −0.1 mA
VCC = 1.65V
1.4
V
VOL
Output LOW Voltage
IOL = 0.1 mA
VCC = 1.65V
0.2
V
VIH
Input HIGH Voltage
1.4
VCC + 0.2V
V
VIL
Input LOW Voltage
−0.2
0.4
V
IIX
Input Leakage Current GND < VI < VCC
−1+1
µA
IOZ
Output Leakage Cur-
rent
GND < VO < VCC, Output Disabled
−1+1
µA
ICC
VCC Operating Supply
Current
f = fMAX = 1/tRC
VCC = 1.95V
IOUT = 0 mA
CMOS levels
1.5
6
mA
f = 1 MHz
0.5
2
mA
ISB1
Automatic CE
Power-Down Current—
CMOS Inputs
CE > VCC−0.2V,
VIN>Vcc-0.2V, VIN<0.2V
f = fMAX (Address and Data Only),
f=0 (OE, WE, BHE and BLE)
18
µA
ISB2
Automatic CE
Power-Down Cur-
rent— CMOS Inputs
CE > VCC−0.2V
VIN > VCC−0.2V or VIN < 0.2V,
f = 0, Vcc=1.95V
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC= VCC(typ)
6
pF
COUT
Output Capacitance
8
pF
Thermal Resistance
Description
Test Conditions
Symbol
BGA
Units
Thermal Resistance (Junction
to Ambient)[5]
Still Air, soldered on a 4.25 x 1.125 inch, 4-layer printed
circuit board
Θ
JA
55
°C/W
Thermal Resistance (Junction
to Case)[5]
Θ
JC
16
°C/W
Note:
5.
Tested initially and after any design or process changes that may affect these parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com