Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF11 Datasheet(PDF) 2 Page - Schurter Inc.

Part # DF11
Description  IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DF11 Datasheet(HTML) 2 Page - Schurter Inc.

  DF11 Datasheet HTML 1Page - Schurter Inc. DF11 Datasheet HTML 2Page - Schurter Inc. DF11 Datasheet HTML 3Page - Schurter Inc. DF11 Datasheet HTML 4Page - Schurter Inc. DF11 Datasheet HTML 5Page - Schurter Inc. DF11 Datasheet HTML 6Page - Schurter Inc. DF11 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Power entry modules without line filter
DF11
https://www.schurter.com /PG05
Connectors
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: DF11
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
Certificate Number: 40011305
UL Approvals
UL
UL File Number: E96454
CCC Approvals
CCC
CCC Certificate Number: 2020180204013620
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
IEC 60320-1
Appliance couplers for household and similar general purposes
Designed according to
UL 60320-1
Standard for Attachment Plugs and Receptacles
Designed according to
CSA C22.2 no. 60320-1
General Use Receptacles, Attachment Plugs, and Similar Wiring Devices
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
UKCA declaration of conformity
SCHURTER AG
The UKCA marking declares that the product complies with the applicable
requirements laid down in the British Amendment of Regulation (EC)
765/2008.
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
SCHURTER AG
V-Lock system are based on a matching plug-dose combination. The
connector is equipped with a notch intended for use with the latching
cordset. The cord latching system prevents against accidental removal of
the cordset.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com