Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C410 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C410
Description  Clock Generator for Intel PCI-Express Desktop Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C410 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C410 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
PS8734A
09/02/04
PI6C410
Clock Generator for Intel
PCI-Express Desktop Chipset
Functionality
Frequency Selection
FS_C
FS_B
FS_A
CPU
SRC
PCIF / PCI
REF
DOT_96
USB_48
Note
1
0
1
100MHz
100MHz
33MHz
14.318MHz
96MHz
48MHz
1
0
0
1
133MHz
100MHz
33MHz
14.318MHz
96MHz
48MHz
1
0
1
1
166MHz
100MHz
33MHz
14.318MHz
96MHz
48MHz
1
0
1
0
200MHz
100MHz
33MHz
14.318MHz
96MHz
48MHz
1
0
0
0
266MHz
100MHz
33MHz
14.318MHz
96MHz
48MHz
1
1
0
0
333MHz
100MHz
33MHz
14.318MHz
96MHz
48MHz
1
1
1
0
400MHz
100MHz
33MHz
14.318MHz
96MHz
48MHz
1
1
1
1
Reserved
100MHz
33MHz
14.318MHz
96MHz
48MHz
1
Notes:
1. Refer to DC Electrical Characteristics for FS_A, FS_B and FS_C (Vih_FS, Vil_FS) threshold levels
Test Mode Selection
TEST_MODE
CPU
SRC
PCIF / PCI
REF
DOT_96
USB_48
Note
1
REF/N
REF/N
REF/N
REF
REF/N
REF/N
2
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
2
Notes:
2. Test mode will occur where the SMBus Bit 6 of Byte 6 = 1, or FS_C/TEST_SEL is set to logic high level.
PWRDWN Functionality
PWRDWN
CPU
CPU#
SRC
SRC#
PCIF /
PCI
REF
DOT_96 DOT_96# USB_48
0
Normal
Normal
Normal
Normal
33MHz 14.318MHz
Normal
Normal
48MHz
1
Iref × 2 or
Float
Float
Iref × 2 or
Float
Float
Low
Low
Iref × 2 or
Float
Float
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com