Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP450APBF Datasheet(PDF) 10 Page - Vishay Siliconix

Part # IRFP450APBF
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP450APBF Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button IRFP450APBF Datasheet HTML 3Page - Vishay Siliconix IRFP450APBF Datasheet HTML 4Page - Vishay Siliconix IRFP450APBF Datasheet HTML 5Page - Vishay Siliconix IRFP450APBF Datasheet HTML 6Page - Vishay Siliconix IRFP450APBF Datasheet HTML 7Page - Vishay Siliconix IRFP450APBF Datasheet HTML 8Page - Vishay Siliconix IRFP450APBF Datasheet HTML 9Page - Vishay Siliconix IRFP450APBF Datasheet HTML 10Page - Vishay Siliconix IRFP450APBF Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 19-Oct-2020
3
Document Number: 91360
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VERSION 3: FACILITY CODE = N
Notes
(1) Dimensioning and tolerancing per ASME Y14.5M-1994
(2) Contour of slot optional
(3) Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body
(4) Thermal pad contour optional with dimensions D1 and E1
(5) Lead finish uncontrolled in L1
(6) Ø P to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154")
MILLIMETERS
MILLIMETERS
DIM.
MIN.
MAX.
DIM.
MIN.
MAX.
A
4.65
5.31
D2
0.51
1.35
A1
2.21
2.59
E
15.29
15.87
A2
1.17
1.37
E1
13.46
-
b
0.99
1.40
e
5.46 BSC
b1
0.99
1.35
k
0.254
b2
1.65
2.39
L
14.20
16.10
b3
1.65
2.34
L1
3.71
4.29
b4
2.59
3.43
N
7.62 BSC
b5
2.59
3.38
P
3.56
3.66
c
0.38
0.89
P1
-
7.39
c1
0.38
0.84
Q
5.31
5.69
D
19.71
20.70
R
4.52
5.49
D1
13.08
-
S
5.51 BSC
ECN: E20-0545-Rev. F, 19-Oct-2020
DWG: 5971
b, b2, b4
Plating
Base metal
b1, b3, b5
0.01 M DB
E1
P
A
P1
A2
D
A
A1
C
b2
b
b4
e
C
N
R/2
E
B
M
0.10 M CA M



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com