Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFPC60LCPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IRFPC60LCPBF
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFPC60LCPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  IRFPC60LCPBF Datasheet HTML 1Page - Vishay Siliconix IRFPC60LCPBF Datasheet HTML 2Page - Vishay Siliconix IRFPC60LCPBF Datasheet HTML 3Page - Vishay Siliconix IRFPC60LCPBF Datasheet HTML 4Page - Vishay Siliconix IRFPC60LCPBF Datasheet HTML 5Page - Vishay Siliconix IRFPC60LCPBF Datasheet HTML 6Page - Vishay Siliconix IRFPC60LCPBF Datasheet HTML 7Page - Vishay Siliconix IRFPC60LCPBF Datasheet HTML 8Page - Vishay Siliconix IRFPC60LCPBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 91244
www.vishay.com
S11-0443-Rev. B, 14-Mar-11
3
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRFPC60LC, SiHFPC60LC
Vishay Siliconix
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 -Typical Output Characteristics, TC = 150 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com