Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL Datasheet(PDF) 2 Page - Schurter Inc.

Part # ASL
Description  LED Holder with 3 mm LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

ASL Datasheet(HTML) 2 Page - Schurter Inc.

  ASL_V02 Datasheet HTML 1Page - Schurter Inc. ASL_V02 Datasheet HTML 2Page - Schurter Inc. ASL_V02 Datasheet HTML 3Page - Schurter Inc. ASL_V02 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Indicators
ASL
https://www.schurter.com /PG10
Switches
Dimension [mm]
ASL single
5
Kathode
2.54
ASL single, angled
Kathode
2.54
6.5
5
max. 10.5
5
ASL double
ø 2.9
2.4
2.7
ASL double, angled
Kathode
2.54
3.3
6.5
max. 10.5
5
1er- and 2er-Array
1er Array
2er Array
1
2
3
4
5
6
7
8
2
4
6
8
1
3
5
7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com