Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDEV-868-NT Datasheet(PDF) 12 Page - Linx Technologies

Part # MDEV-868-NT
Description  868MHz NT Series Master Development System
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-NT Datasheet(HTML) 12 Page - Linx Technologies

Back Button MDEV-868-NT Datasheet HTML 5Page - Linx Technologies MDEV-868-NT Datasheet HTML 6Page - Linx Technologies MDEV-868-NT Datasheet HTML 7Page - Linx Technologies MDEV-868-NT Datasheet HTML 8Page - Linx Technologies MDEV-868-NT Datasheet HTML 9Page - Linx Technologies MDEV-868-NT Datasheet HTML 10Page - Linx Technologies MDEV-868-NT Datasheet HTML 11Page - Linx Technologies MDEV-868-NT Datasheet HTML 12Page - Linx Technologies MDEV-868-NT Datasheet HTML 13Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
–
–
–
–
Single Routing
EVALUATION AREA
SIGNAL ROUTING
LEDS
1
1
C
2
4
3
2
4
C
5
8
6
SW4
GND
GND
CS1_S
CS2_S
CS0_S
1
1
C
2
4
3
2
4
C
5
8
6
SW5
GND
GND
BAUD1_S
BAUD0_S
ORANGE
D4
R25
200 ohm
GND
TX_LED
D5
R26
200 ohm
YELLOW
GND
RX_LED
GND
R19
620 ohm
ACTV_LED
GREEN
D2
RED
PDN_LED
GND
D7
R40
470 ohm
GND
D3
R38
470 ohm
RED
EVAL_LED
GND
D9
R39
470 ohm
RED
PROTO_LED
STBY_LED
GND
D8
YELLOW
R41
200 ohm
SW8
TX_SEL
RNG_SEL
RX_SEL
GND
CS1
CS2
CS0
CS0_P
CS0_S
CS1_P
CS1_S
CS2_P
CS2_S
CH_BD_CTL
GND
GND
VCC
Y1
1
Y0
2
Z1
3
Z
4
Z0
5
EN
6
VEE
7
GND
8
C
9
B
10
A
11
X0
12
X1
13
X
14
Y
15
VCC
16
U6
MC74HC4053A
ALL_EN
C8
0.1uF
GND
R44 NS/DNP
GND
R45 NS/DNP
GND
R46 NS/DNP
GND
R47 NS/DNP
GND
R48 NS/DNP
GND
R49 NS/DNP
GND
T/R_SEL_R
ALL_EN
GND
GND
VCC
T/R_SEL
2Y0
1
2Y2
2
2COM
3
2Y3
4
2Y1
5
INH
6
GND
7
GND
8
B
9
A
10
1Y3
11
1Y0
12
1COM
13
1Y1
14
1Y2
15
VCC
16
U9
SN74LV4052A
TR_CTL1
TR_CTL2
T/R_SEL_P
VCC
GND
C11
0.1uF
GND
R62
NS/DNP
GND
R63
NS/DNP
GND
ALL_EN
DATA_IN_R
DATA_OUT_R
GND
GND
VCC
DATA_OUT
DATA_IN
DATA_OUT_P
DATA_IN_P
DATA_CTL1
DATA_CTL2
2Y0
1
2Y2
2
2COM
3
2Y3
4
2Y1
5
INH
6
GND
7
GND
8
B
9
A
10
1Y3
11
1Y0
12
1COM
13
1Y1
14
1Y2
15
VCC
16
U8
SN74LV4052A
TP3
1
TP4
C10
0.1uF
GND
R57
10k
GND
R58
10k
GND
R56
10k
GND
R59
10k
R60
10k
R61
10k
GND
GND
GND
R29
2.20K
GND
1%
DIVIDER LOW
4
IN
5
DIVIDER HIGH
6
N/C
7
REF OUT
8
LED8
14
LED7
15
LED6
16
LED5
17
LED4
18
U5
LM3914V
VCC
RSSI_B
GND
GND
C5
10uF
GND
R28
1.2K
1%
5
16
2
19
3
18
4
17
1
20
6
15
7
14
8
13
9
12
10
11
D6
LED BAR 10
VCC
GND
C6
2.2uF
VCC
R42
NS/DNP
BAUD0_P
BAUD0_S
BAUD1_P
BAUD1_S
CH_BD_CTL
GND
GND
VCC
BAUD1
BAUD0
Y1
1
Y0
2
Z1
3
Z
4
Z0
5
EN
6
VEE
7
GND
8
C
9
B
10
A
11
X0
12
X1
13
X
14
Y
15
VCC
16
U7
MC74HC4053A
ALL_EN
RSSI
RSSI_P
RSSI_B
C9
0.1uF
GND
R54 NS/DNP
GND
R55 NS/DNP
GND
R50 NS/DNP
GND
R51 NS/DNP
GND
R52 NS/DNP
GND
R53
GND
5.1M
Figure 28: Single Routing
18
19
Online Resources
www.linxtechnologies.com
If you have questions regarding any Linx product and have Internet access,
make www.linxtechnologies.com your first stop. Day or night, the Linx
website gives you instant access to the latest information regarding the
products and services of Linx. It’s all here, including:
• Manual and Software Updates
• Latest News
• Data Guides
• Application Notes
• Knowledgebase
• FCC Information
And much more. Be sure to visit often!
www.antennafactor.com
The Antenna Factor division of Linx offers a
diverse array of antenna styles (Figure 29),
many of which are optimized for use with
our RF modules. From innovative
embeddable antennas to low-cost whips,
domes to Yagis, and even GPS, Antenna
Factor likely has an antenna for you, or can
design one to meet your requirements.
Figure 29: Antenna Factor Anetnnas
by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com