Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDEV-FFF-DT Datasheet(PDF) 6 Page - Linx Technologies

Part # MDEV-FFF-DT
Description  HumDTTM Series Master Development System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-FFF-DT Datasheet(HTML) 6 Page - Linx Technologies

Back Button MDEV-FFF-DT Datasheet HTML 2Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 3Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 4Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 5Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 6Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 7Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 8Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 9Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 10Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
–
–
–
–
6
7
The overload condition is reset once the excess current draw is removed.
Supply for the module is connected through R17. This can be removed and
replaced by another supply or used to measure the current consumption of
the module.
Figure 8 shows the bottom of the board.
SW1 and SW2 connect the USB interface to the Command Data Interface
lines on the module. This allows the prototype board to be used with the
development kit software or a custom application. When in the “USB
Connected position”, the module is connected to the USB interface. The
“Header Only” position connects the module to the header.
Footprints for 0603 size resistors are on most lines so that pull-ups or
pull-downs can easily be added to the lines. The pads are connected to
V
CC or GND based on the most common configuration for the module. The
schematic at the end of this document shows how each line is connected.
Using the Prototype Board
Snap a Carrier Board onto the socket on the Prototype Board as shown in
Figure 7.
Set the power switch (SW3) and connect a micro USB cable into the
connector at the top of the board. Plug the other end into a PC or any
USB charger. The board is powered by the USB bus. This board features
a prototyping area to facilitate the addition of application-specific circuitry.
The prototyping area contains a large area of plated through-holes so that
external circuitry can be placed on the board. The holes are set at 0.100”
on center with a 0.040” diameter, accommodating most industry-standard
SIP and DIP packages.
At the top of the prototyping area is a row connected to the 3.3V power
supply and at the bottom is a row connected to ground. External circuitry
can be interfaced to the transceiver through the breakout headers. The
numbers next to the headers correspond to the pin numbers on the Carrier
Board. Figure 5 shows the pin assignments for the Carrier Board.
The OVERLOAD LED indicates that that too much current is being pulled
from the USB bus. This is used to prevent damage to the parts or the bus.
Figure 7: Prototype Board with a Carrier Board
Note: The onboard 3.3-volt regulator has approximately 400mA
available for additional circuitry when plugged into a PC. If more current
is required, the user must power the board from an external supply or a
USB charger with more current capabilities, up to 1A.
Figure 8: Prototype Board Bottom Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com