Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2721EPB Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD2721EPB
Description  DUAL EPAD TM MICROPOWER OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2721EPB Datasheet(HTML) 6 Page - Advanced Linear Devices

Back Button ALD2721EPB Datasheet HTML 2Page - Advanced Linear Devices ALD2721EPB Datasheet HTML 3Page - Advanced Linear Devices ALD2721EPB Datasheet HTML 4Page - Advanced Linear Devices ALD2721EPB Datasheet HTML 5Page - Advanced Linear Devices ALD2721EPB Datasheet HTML 6Page - Advanced Linear Devices ALD2721EPB Datasheet HTML 7Page - Advanced Linear Devices ALD2721EPB Datasheet HTML 8Page - Advanced Linear Devices ALD2721EPB Datasheet HTML 9Page - Advanced Linear Devices ALD2721EPB Datasheet HTML 10Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Advanced Linear Devices
ALD2721E/ALD2721
TYPICAL PERFORMANCE CHARACTERISTICS
OPEN LOOP VOLTAGE GAIN AS A FUNCTION
OF SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
1000
100
10
1
0
±2
±4
±6
±8
±55°C ≤ TA ≤ +125°C
RL = 100KΩ
OPEN LOOP VOLTAGE GAIN
AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
1
10
100
1K
10K
1M
10M
100K
120
100
80
60
40
20
0
-20
90
0
45
180
135
VS = ±2.5V
TA = 25°C
OUTPUT VOLTAGE SWING AS A FUNCTION
OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
±1
±2
±3
±4
±7
±6
±5
±6
±5
±4
±3
±2
±1
±25°C ≤ TA ≤ +125°C
RL = 100KΩ
INPUT BIAS CURRENT AS A FUNCTION
OF AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
100
10
1.0
0.01
0.1
100
-25
0
75
125
50
25
-50
1000
VS = ±2.5V
SUPPLY CURRENT AS A FUNCTION
OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
500
300
400
0
200
0
±1
±2
±3
±4
±5
±6
TA = -55°C
-25
°C
+25
°C
+70
°C
+125
°C
INPUTS GROUNDED
OUTPUT UNLOADED
ADJUSTMENT IN INPUT OFFSET VOLTAGE
AS A FUNCTION OF CHANGE IN VE1 AND VE2
0.50
0.75
1.00
1.25
1.50
1.75
2.00
-10
-8
-6
-4
-2
0
2
4
6
8
10
VE1
VE2
CHANGE IN VE1 AND VE2 (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com