Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4530 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # C4530
Description  OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4530 Datasheet(HTML) 5 Page - Vectron International, Inc

  C4530 Datasheet HTML 1Page - Vectron International, Inc C4530 Datasheet HTML 2Page - Vectron International, Inc C4530 Datasheet HTML 3Page - Vectron International, Inc C4530 Datasheet HTML 4Page - Vectron International, Inc C4530 Datasheet HTML 5Page - Vectron International, Inc C4530 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
C4530
OCXO
Vectron International · www.vectron.com
v.2006-02-24 · page 5 of 6
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 Workshop, No 308 Fenju
Road, WaiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
Recommended Reflow Profile
Profile Feature
Pb-Free Assembly
/Sn-Pb Assembly
Profile Feature
Pb-Free Assembly
/Sn-Pb Assembly
Average ramp-up rate (TL to Tp)
3°C/second max.
Time 25°C to Peak Temperature
8 minutes max.
Preheat -Temperature Min Tsmin)
-Temperature Min Tsmax)
-Time (min to max) (ts)
150°c
200°c
60-180 seconds
Time maintainted above
- Temperature (TL)
- Time (tL)
217°C
60-150 seconds
Tsmax to TL - Ramp-up Rate
3°C/second max.
Time maintainted above - Temperature (TL)
- Time (tL)
217°C
60-150 seconds
Time within 5°C of actual
Peak Temperature (tp)
20-40 seconds
Peak Temperature (Tp)
max 260°C
Ramp-down Rate
6°C/second max.
Note: All temperatures refer to topside of the package, measured on the package body surface.
Processing note:
This FR 4 based SMD OCXO is a non-hermetic construction for use in No-Clean reflow processes and is 6/6 RoHS compliant. If you intend to
wash this SMD OCXO, please contact your Sales representative to discuss the possibility.
Critical Zone
T
L to Tp
Ramp up
Ramp dow n
t 25°C to peak
Tp
TL
25
Time
Ts
Ts
ts
preheat
tp
tL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com