Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRM-YYY-TT Datasheet(PDF) 2 Page - Linx Technologies

Part # TRM-YYY-TT
Description  TT Series Remote Control and Sensor Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

TRM-YYY-TT Datasheet(HTML) 2 Page - Linx Technologies

  TRM-YYY-TT Datasheet HTML 1Page - Linx Technologies TRM-YYY-TT Datasheet HTML 2Page - Linx Technologies TRM-YYY-TT Datasheet HTML 3Page - Linx Technologies TRM-YYY-TT Datasheet HTML 4Page - Linx Technologies TRM-YYY-TT Datasheet HTML 5Page - Linx Technologies TRM-YYY-TT Datasheet HTML 6Page - Linx Technologies TRM-YYY-TT Datasheet HTML 7Page - Linx Technologies TRM-YYY-TT Datasheet HTML 8Page - Linx Technologies TRM-YYY-TT Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Table of Contents
1
Description
1
Features
2
Ordering Information
2
Electrical Specifications
4
Absolute Maximum Ratings
5
Transceiver Timings
6
TRM-xxx-TT Typical Performance Graphs
12
Pin Assignments
12
Pin Descriptions
14
Theory of Operation
15
Module Description
16
Basic Hardware Operation
18
Transceiver Operation
19
Transmit Operation
19
Receive Operation
20
The Pair Process
21
Permissions Mask
21
Acknowledgement
22
Mode Indicator
22
Reset to Factory Default
23
Using the RSSI Line
23
Using the LATCH_EN Line
24
Using the Low Power Features
24
Using the LVL_ADJ Line
26
Receiver Duty Cycle
27
Power Supply Requirements
28
The Command Data Interface
31
Frequency Hopping
32
Usage Guidelines for FCC Compliance
Warning: Linx radio frequency ("RF") products may be
used to control machinery or devices remotely, including machinery
or devices that can cause death, bodily injuries, and/or property
damage if improperly or inadvertently triggered, particularly in industrial
settings or other applications implicating life-safety concerns. No Linx
Technologies product is intended for use in any application without
redundancies where the safety of life or property is at risk.
The customers and users of devices and machinery controlled with
RF products must understand and must use all appropriate safety
procedures in connection with the devices, including without limitation,
using appropriate safety procedures to prevent inadvertent triggering by
the user of the device and using appropriate security codes to prevent
triggering of the remote controlled machine or device by users of other
remote controllers.
Do not use this or any Linx product to trigger an action directly
from the data line or RSSI lines without a protocol or encoder/
decoder to validate the data. Without validation, any signal from
another unrelated transmitter in the environment received by the module
could inadvertently trigger the action.
All RF products are susceptible to RF interference that can prevent
communication. RF products without frequency agility or hopping
implemented are more subject to interference. This module does have
a frequency hopping protocol built in, but the developer should still be
aware of the risk of interference.
Do not use any Linx product over the limits in this data guide.
Excessive voltage or extended operation at the maximum voltage could
cause product failure. Exceeding the reflow temperature profile could
cause product failure which is not immediately evident.
Do not make any physical or electrical modifications to any Linx
product. This will void the warranty and regulatory and UL certifications
and may cause product failure which is not immediately evident.
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com