Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11901 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX11901
Description  16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11901 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX11901 Datasheet HTML 9Page - Maxim Integrated Products MAX11901 Datasheet HTML 10Page - Maxim Integrated Products MAX11901 Datasheet HTML 11Page - Maxim Integrated Products MAX11901 Datasheet HTML 12Page - Maxim Integrated Products MAX11901 Datasheet HTML 13Page - Maxim Integrated Products MAX11901 Datasheet HTML 14Page - Maxim Integrated Products MAX11901 Datasheet HTML 15Page - Maxim Integrated Products MAX11901 Datasheet HTML 16Page - Maxim Integrated Products MAX11901 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
PIN
NAME
I/O
FUNCTION
16
REFVDD
I
Reference Buffer Supply. Nominally at 3V. Bypass to AGND with a 10µF capacitor in parallel
with a 0.1µF capacitor (10µF || 100nF).
17, 18
AGND
I
Analog Ground. Bypass to AGND with a 10µF capacitor in parallel with a 0.1µF capacitor
(10µF || 100nF).
19
AVDD
I
Analog Supply. Nominally at 1.8V.
20
REFIN
I
Input for the Internal Reference Buffer. Voltage must be at least 300mV lower than
REFVDD voltage. If REFIN = 0V, reference buffer will be disabled.
—
EP
—
Exposed Pad. Must be connected to the same plane as AGND.
16-BIT ADC
REFVDD
REFGND
REF
REF
AIN+
AIN-
INTERFACE
DIN
SCLK
DOUT
CNVST
REFIN
AVDD
DVDD
AGND
DGND
MAX11901
OVDD
REFERENCE
BUFFER
REFERENCE
BUFFER
www.maximintegrated.com
Maxim Integrated │ 13
MAX11901
16-Bit, 1.6Msps, Low-Power,
Fully Differential SAR ADC
Functional Diagram
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com