Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX44286 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX44286
Description  Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44286 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX44286 Datasheet HTML 1Page - Maxim Integrated Products MAX44286 Datasheet HTML 2Page - Maxim Integrated Products MAX44286 Datasheet HTML 3Page - Maxim Integrated Products MAX44286 Datasheet HTML 4Page - Maxim Integrated Products MAX44286 Datasheet HTML 5Page - Maxim Integrated Products MAX44286 Datasheet HTML 6Page - Maxim Integrated Products MAX44286 Datasheet HTML 7Page - Maxim Integrated Products MAX44286 Datasheet HTML 8Page - Maxim Integrated Products MAX44286 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
(VRS+ = VRS- = 3.6V, VSENSE = 0V, TA = +25°C, unless otherwise noted.)
112
114
116
118
120
122
124
126
128
-40
-5
30
65
100
135
TEMPERATURE (°C)
CMRR
vs. TEMPERATURE
toc05
0
0.5
1
1.5
2
2.5
0
20
40
60
80
100
VSENSE (mV)
OUTPUT VOLTAGE
vs. INPUT SENSE VOLTAGE
toc06
VCM = 1.8V
G = 25V/V
G = 50V/V
G = 100V/V
G = 200V/V
0
1
2
3
4
5
6
0
50
100
150
200
250
VSENSE(mV)
OUTPUT VOLTAGE
vs. INPUT SENSE VOLTAGE
toc07
VCM = 5.5V
G = 25V/V
G = 50V/V
G = 100V/V
G = 200V/V
0
5
10
15
20
25
30
35
40
45
50
1
100
10000
1000000
FREQUENCY (Hz)
AC RESPONSE
toc08
1E-09
1E-08
0.0000001
0.000001
0.00001
1
10
100
1000
10000
100000
FREQUENCY (Hz)
INPUT NOISE-VOLTAGE DENSITY
toc9
66nV/√
Hz AT 1kHz
0.1Hz to 10Hz INPUT NOISE
1µV/div
toc10
VOUTN
-0.094
-0.092
-0.09
-0.088
-0.086
-0.084
-0.082
-40
-5
30
65
100
135
TEMPERATURE (°C)
GAIN ERROR
vs. TEMPERATURE
toc04
VCM = 5.5V
VCM = 1.8V
POWER-UP TIME
toc11
VOUT
VRS+
~350µs TO TURN ON
100µs/div
SMALL-SIGNAL RESPONSE (G = 25)
toc12
VOUTN
VINSIDE
VBACKUP
VOUT
VSENSE
20mVP-P
MAX44286
Low-Power, Precision, 4-Bump WLP,
Current-Sense Amplifier
Maxim Integrated │ 4
www.maximintegrated.com
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com