Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-15573 Datasheet(PDF) 7 Page - SparkFun Electronics

Part # DEV-15573
Description  Cryptographic Co-Processor ATECC508A (Qwiic) Hookup Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15573 Datasheet(HTML) 7 Page - SparkFun Electronics

Back Button DEV-15573 Datasheet HTML 3Page - SparkFun Electronics DEV-15573 Datasheet HTML 4Page - SparkFun Electronics DEV-15573 Datasheet HTML 5Page - SparkFun Electronics DEV-15573 Datasheet HTML 6Page - SparkFun Electronics DEV-15573 Datasheet HTML 7Page - SparkFun Electronics DEV-15573 Datasheet HTML 8Page - SparkFun Electronics DEV-15573 Datasheet HTML 9Page - SparkFun Electronics DEV-15573 Datasheet HTML 10Page - SparkFun Electronics DEV-15573 Datasheet HTML 11Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
ATECC508A cryptographic IC.
Characteristic
Description
Operating Voltage
2.0V to 5.5V (Default on Qwiic System: 3.3V)
Current Draw
Active: 3 to 16 mA
Idle: 800 µA
Sleep: 30 to 150 nA
Operating Temperature
-40 to 85°C
EEPROM Storage
Capacity: 10 Kb
Data Retention: >10 years
Write Endurance: 400,000 cycles
Configurable I C Address (7-bit)
0x60 (Default)
Connections
We've included two qwiic connectors for plug and play operation.
Qwiic connectors.
It also has the pins broken out to 0.1-inch PTH headers, if you'd like a more permanent (soldered) connection to
the I C lines.
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com