Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XACA201 Datasheet(PDF) 1 Page - Schneider Electric

Part # XACA201
Description  Harmony, pendant station, pistol grip, yellow, 2 push buttons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XACA201 Datasheet(HTML) 1 Page - Schneider Electric

  XACA201 Datasheet HTML 1Page - Schneider Electric XACA201 Datasheet HTML 2Page - Schneider Electric XACA201 Datasheet HTML 3Page - Schneider Electric XACA201 Datasheet HTML 4Page - Schneider Electric XACA201 Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Aug 15, 2019
1
Product data sheet
Characteristics
XACA201
Harmony, pendant station, pistol grip, yellow, 2
push buttons
Product availability: Stock - Normally stocked in distribution facility
Main
Range of product
Harmony XAC
Product or component
type
Pendant control station
Device short name
XACA pistol grip
Complementary
Control station type
Double insulated
Enclosure material
Polypropylene
Control type
Intuitive
Electrical circuit type
Control circuit
Enclosure type
Complete ready for use
Control station application
Control of single speed hoist motor
Control station composition
2 push-buttons
Control button type
First pushbutton 1 NO raise, slow
Second pushbutton 1 NO lower, slow
Product compatibility
ZB2BE101 for each direction
Mechanical interlocking
With mechanical interlocking
Control station colour
Yellow
Connections - terminals
Screw clamp terminals 1 x 2.5 mm² with or without cable end
Screw clamp terminals 2 x 1.5 mm² with or without cable end
Standards
CSA C22.2 No 14
EN/IEC 60204-32
UL 508
EN/IEC 60947-5-1
Product certifications
UL
CSA
Protective treatment
TH
Ambient air temperature for operation
-13...158 °F (-25...70 °C)
Ambient air temperature for storage
-40...158 °F (-40...70 °C)
Vibration resistance
15 gn 10...500 Hz IEC 60068-2-6
Shock resistance
100 gn IEC 60068-2-27
Overvoltage category
Class II IEC 61140
IP degree of protection
IP65 IEC 60529
IK degree of protection
IK08 EN 50102
Mechanical durability
1000000 cycles
Cable entry
Rubber sleeve with stepped entry 7...15 mm
Contact code designation
A600 AC-15 240 V 3 A IEC 60947-5-1 appendix A
A600 AC-15 600 V 1.2 A IEC 60947-5-1 appendix A
Q600 DC-13 250 V 0.27 A IEC 60947-5-1 appendix A
Q600 DC-13 600 V 0.1 A IEC 60947-5-1 appendix A
[Ithe] conventional enclosed thermal current
10 A
[Ui] rated insulation voltage
600 V 3 IEC 60947-1
[Uimp] rated impulse withstand voltage
6 kV IEC 60947-1


Similar Part No. - XACA201

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XACA2013 SCHNEIDER-XACA2013 Datasheet
72Kb / 2P
pendant station XAC-A pistol grip - 2 push buttons 1 Emergency stop
Aug 15, 2019
XACA2014 SCHNEIDER-XACA2014 Datasheet
98Kb / 5P
pendant station XAC-A pistol grip - 2 push buttons 1 Emergency stop
Aug 15, 2019
More results

Similar Description - XACA201

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XACA205 SCHNEIDER-XACA205 Datasheet
94Kb / 5P
pendant station XAC-A pistol grip - 2 push buttons
Aug 15, 2019
XACA2013 SCHNEIDER-XACA2013 Datasheet
72Kb / 2P
pendant station XAC-A pistol grip - 2 push buttons 1 Emergency stop
Aug 15, 2019
XACA2014 SCHNEIDER-XACA2014 Datasheet
98Kb / 5P
pendant station XAC-A pistol grip - 2 push buttons 1 Emergency stop
Aug 15, 2019
XACA215 SCHNEIDER-XACA215 Datasheet
99Kb / 5P
pendant station XAC-A pistol grip - 2 booted push buttons
Aug 17, 2019
XACA207 SCHNEIDER-XACA207 Datasheet
123Kb / 6P
Harmony XAC, Pendant control station, plastic, yellow, pistol grip, 2 push buttons with 2 NO
Mar 21, 2022
XACA2074 SCHNEIDER-XACA2074 Datasheet
130Kb / 6P
Harmony XAC, Pendant control station, plastic, yellow, pistol grip, 2 push buttons, 1 emergency stop
Mar 21, 2022
XACA211 SCHNEIDER-XACA211 Datasheet
127Kb / 6P
Harmony XAC, Pendant control station, plastic, yellow, pistol grip, 2 booted push buttons with 1 NO
Mar 21, 2022
XACA2114 SCHNEIDER-XACA2114 Datasheet
124Kb / 6P
Harmony XAC, Pendant control station, plastic, yellow, pistol grip, 2 booted push buttons, 1 emergency stop
Mar 21, 2022
XACA217 SCHNEIDER-XACA217 Datasheet
126Kb / 6P
Harmony XAC, Pendant control station, plastic, yellow, pistol grip, 2 booted push buttons with 2 NO
Mar 21, 2022
XACA2174 SCHNEIDER-XACA2174 Datasheet
132Kb / 6P
Harmony XAC, Pendant control station, plastic, yellow, pistol grip, 2 booted push buttons, 1 emergency stop
Mar 21, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com