Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4435ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4435ESA
Description  Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4435ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4435ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4435ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4435ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4435ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4435ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4435ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4435ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4435ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4435ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Detailed Description
The MAX4434–MAX4437 are wide-bandwidth, ultra-low
-distortion, voltage-feedback amplifiers. The MAX4434/
MAX4436 are internally compensated for unity gain. The
MAX4435/MAX4437 are internally compensated for gains
of +5V/V or greater.
These amplifiers have ultra-fast 35ns (MAX4434/
MAX4436) 16-bit settling times, -97dB SFDR at 1MHz, and
4Vp-p output swing with minimum 115dB open-loop gain.
High-Speed ADC Input
Driver Application
The MAX4434–MAX4437 op amps are ideal for drivin-
ghigh-speed 14- to 16-bit ADCs. In most cases, these
ADCs operate with a charge balance scheme, with
capacitive loads internally switched on and off from the
input. The driver used must withstand these changing
capacitive loads while holding the signal amplitude stabil-
ity consistent with the ADC’s resolution and, at the same
time, have a frequency response compatible with the
sampling speed of the ADC (Figure 1).
Inverting and Noninverting
Configurations
The circuits typically used for the inverting and noninvert-
ing configurations of the MAX4434–MAX4437 are shown
in Figure 2a and Figure 2b. The minimum uncondition-
ally stable gain values are 1 for the MAX4434/MAX4436
and 5 for the MAX4435/MAX4437. Use care in selecting
the value for the resistor marked RS in both circuits.
From dynamic stability considerations (based on the
part’s frequency response and the input capacitance of
the MAX4434–MAX4437), the maximum recommended
value for RS is 500Ω. In general, lower RS values will
yield a higher bandwidth and better dynamic stability, at
the cost of higher power consumption, higher power dis-
sipation in the IC, and reduced output drive availability
For a minimum RS value, take into consideration that the
current indicated as IF is supplied by the output stage and
must be discounted from the maximum output current to
calculate the maximum current available to the load. IF
can be found using the following equation:
IF = VIN(MAX)/RS
If DC thermal stability is an important design concern,
the Thevenin resistance seen by both inputs at DC must
be balanced. This includes the resistance of the signal
source and termination resistors if the amplifier signal
input is fed from a transmission line. The capacitance
associated with the feedback resistors must also be con-
sidered as a possible limitation to the available bandwidth
or to the dynamic stability. Only resistors with small paral-
lel capacitance specifications should be considered.
Applications Information
Layout and Power-Supply Bypassing
The MAX4434–MAX4437 have wide bandwidth and con-
sequently require careful board layout. To realize the
full AC performance of these high-speed amplifiers, pay
careful attention to power-supply bypassing and board
layout. The PC board should have a large low-impedance
ground plane that is as free of voids as possible. Do not
use commercial breadboards. Keep signal lines as short
and straight as possible. Observe high-frequency bypass-
Figure 1. Typical Application Circuit
Figure 2b. Inverting Configuration
Figure 2a. Noninverting Configuration
HIGH-SPEED
14/16-BIT ADC
VCC
VEE
RF
IF
VOUT
RB
RF
RS
VIN
A =
=
-RF
RS
VOUT
VIN
RF
IF
VOUT
RS
VIN
A = 1+
=
RF
RS
VOUT
VIN
MAX4434–MAX4437
Single-Supply, 150MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
www.maximintegrated.com
Maxim Integrated │ 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com