Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4487ASD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4487ASD
Description  Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4487ASD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4487ASD Datasheet HTML 1Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 2Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 3Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 4Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 5Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 6Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
(VDD = +5.0V, VSS = 0V, VCM = 0V, VOUT = VDD/2, RL = ∞ to VDD/2, unless otherwise noted.)
(VDD = +5.0V, VSS = 0V, VCM = 0V, VOUT = VDD/2, RL = ∞ to VDD/2, unless otherwise noted.) (Note 2)
Note 1: Guaranteed by design.
Note 2: Specifications are 100% tested at TA = +25°C (exceptions marked). All temperature limits are guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage-Noise Density
en
f = 10kHz
29
nV/√Hz
Input Current-Noise Density
in
f = 10kHz
1
fA/√Hz
Capacitive-Load Stability
CLOAD
AV = +1V/V (Note 1)
100
pF
Power-On Time
tON
1
µs
Input Capacitance
CIN
2
pF
Total Harmonic Distortion
THD
f = 10kHz, VOUT = 2VP-P,
AV = +1V/V
RL = 100kΩ
0.006
%
RL = 2kΩ
0.01
Settling Time to 0.01%
tS
VOUT = 4V step, AV = +1V/V
450
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Inferred from PSRR test
2.7
5.5
V
Supply Current per Amplifier
IDD
4.0
mA
Input Offset Voltage
VOS
MAX4484
±8.5
mV
MAX4486
±10.0
MAX4487
±11.0
Input Offset Voltage Drift
TCVOS
±6
µV/°C
Input Bias Current
IB
(Note 1)
±100
pA
Input Offset Current
IOS
(Note 1)
±100
pA
Input Common-Mode Voltage
Range
VCM
Inferred from CMRR test
VSS
VDD - 1.4
V
Common-Mode Rejection Ratio
CMRR
VSS ≤ VCM ≤ VDD
- 1.4V
TA = -40°C to +85°C
65
dB
TA = -40°C to +125°C
62
Power-Supply Rejection Ratio
PSRR
+2.7V ≤ VDD ≤
+5.5V
TA = -40°C to +85°C
67
dB
TA = -40°C to +125°C
64
Large-Signal Voltage Gain
AVOL
VSS + 0.3V ≤
VOUT ≤ VDD -
0.3V, RL = 2kΩ
TA = -40°C to +85°C
66
dB
TA = -40°C to +125°C
62
Output Voltage High
VOH
|VDD - VOUT|,
RL = 2kΩ
TA = -40°C to +85°C
100
mV
TA = -40°C to +125°C
100
Output Voltage Low
VOL
|VOUT - VSS|
RL = 2kΩ
TA = -40°C to +85°C
100
mV
TA = -40°C to +125°C
250
Electrical Characteristics—TA = +25°C
Electrical Characteristics—TA = -40°C to +125°C
MAX4484/MAX4486/
MAX4487
Single/Dual/Quad, Low-Cost, Single-Supply
7MHz, Rail-to-Rail Op Amps
www.maximintegrated.com
Maxim Integrated │ 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com