Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AST Datasheet(PDF) 3 Page - Schurter Inc.

Part # AST
Description  LED Holder for 3 mm and 5 mm LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AST Datasheet(HTML) 3 Page - Schurter Inc.

  AST Datasheet HTML 1Page - Schurter Inc. AST Datasheet HTML 2Page - Schurter Inc. AST Datasheet HTML 3Page - Schurter Inc. AST Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Indicators
AST
https://www.schurter.com /PG10
Switches
gerade Anschlüsse
straight contacts
0035.9665.
0035.9666.
0035.9667.
0035.9668.
Anschlüsse abgewinkelt
contacts angled 90°
0035.9675.
0035.9676.
0035.9677.
0035.9678.
1
1
1
1
2
2
2
2
3
3
3
3
4
4
4
4
5
5
5
5
6
6
6
6
7
7
7
7
8
8
8
8
9
9
9
9
Die Farbwahl erfolgt jeweils
von unten nach oben.
(Von links nach rechts)
The colour is advised from
the buttom to the top.
(From the left to the rigth)
Farbe der LED
Colour of LED
rot/rot
red/red
rot/grün
red/green
rot/gelb
red/yellow
grün/grün
green/green
grün/rot
green/red
grün/gelb
green/yellow
gelb/gelb
yellow/yellow
gelb/rot
yellow/red
gelb/grün
yellow/green



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com