Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XALACS2 Datasheet(PDF) 2 Page - Schneider Electric

Part # XALACS2
Description  dark grey station - 2 pushbuttons 횠22 1NO 1NC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XALACS2 Datasheet(HTML) 2 Page - Schneider Electric

  XALACS2 Datasheet HTML 1Page - Schneider Electric XALACS2 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Electrical durability
1000000 cycles AC-15, 2 A at 230 V, operating rate: <= 3600 cyc/h, load factor:
0.5 conforming to EN/IEC 60947-5-1 appendix C
1000000 cycles AC-15, 3 A at 120 V, operating rate: <= 3600 cyc/h, load factor:
0.5 conforming to EN/IEC 60947-5-1 appendix C
1000000 cycles AC-15, 4 A at 24 V, operating rate: <= 3600 cyc/h, load factor:
0.5 conforming to EN/IEC 60947-5-1 appendix C
1000000 cycles DC-13, 0.2 A at 110 V, operating rate: <= 3600 cyc/h, load factor:
0.5 conforming to EN/IEC 60947-5-1 appendix C
1000000 cycles DC-13, 0.5 A at 24 V, operating rate: <= 3600 cyc/h, load factor:
0.5 conforming to EN/IEC 60947-5-1 appendix C
Electrical reliability
Λ < 10exp(-6) at 5 V, 1 mA conforming to EN/IEC 60947-5-4
Λ < 10exp(-8) at 17 V, 5 mA conforming to EN/IEC 60947-5-4
Environment
Protective treatment
TH
Ambient air temperature for storage
-40...158 °F (-40...70 °C)
Ambient air temperature for operation
-13...158 °F (-25...70 °C)
Overvoltage category
Class II conforming to IEC 60536
IP degree of protection
IP66 conforming to IEC 60529
NEMA degree of protection
NEMA 13
NEMA 4X
IK degree of protection
IK03 conforming to EN 50102
Standards
EN/IEC 60947-1
EN/IEC 60947-5-1
EN/IEC 60947-5-4
EN/IEC 60947-5-5
JIS C 4520
UL 508
CSA C22.2 No 14
Vibration resistance
5 gn (12...500 Hz) conforming to IEC 60068-2-6
Shock resistance
30 gn (duration = 18 ms) half sine wave acceleration conforming to IEC
60068-2-27
50 gn (duration = 11 ms) half sine wave acceleration conforming to IEC
60068-2-27
Ordering and shipping details
Category
22750 - INDUSTRIAL POINT OF PURCHASE
Discount Schedule
IPOP
GTIN
00785901554912
Nbr. of units in pkg.
1
Package weight(Lbs)
0.58999999999999997
Returnability
Y
Country of origin
MX
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including:
- - - - - - - Substance 1
Lead and lead compounds, which is known to the State of California to cause can-
cer and birth defects or other reproductive harm.
- - - - - - - Substance 2
Di-isodecyl phthalate (DIDP), which is known to the State of California to cause
birth defects or other reproductive harm.
- - - - - - - More information
For more information go to www.p65warnings.ca.gov



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com