Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDUMV30HV2 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMV30HV2
Description  5.8kW Single-Phase Metered PDU, 208/240V Outlets (8 C19 and 40 C13), L6-30P, 10 ft. (3.05 m) Cord, 0U Vertical, TAA, 70 in.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV30HV2 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMV30HV2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV30HV2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV30HV2 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2021 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Front Panel LEDs
n/a
Switches
n/a
PHYSICAL
Form Factors Supported
0u vertical installation in equipment racks, plus under-counter and wallmount
Material of Construction
Metal
PDU Form Factor
Vertical (0U)
Shipping Dimensions (hwd / cm)
17.50 x 24.51 x 192.71
Shipping Dimensions (hwd / in.)
6.89 x 9.65 x 75.87
Shipping Weight (kg)
7.70
Shipping Weight (lbs.)
16.98
Unit Dimensions (hwd / cm)
177.8 x 6.88 x 6.4
Unit Dimensions (hwd / in.)
70 x 2.17 x 2.52
Unit Weight (kg)
5.60
Unit Weight (lbs.)
12.35
ENVIRONMENTAL
Operating Temperature Range
32 to122F (0 to 50C)
Storage Temperature Range
-30°C to +60°C (-22°F to +140°F)
Relative Humidity
5-95% non-condensing
STANDARDS & COMPLIANCE
Certifications
Tested to UL/CAN 60950-1 (USA, Canada), NOM (Mexico), FCC Class A (Emissions), ROHS Compliant, TAA
Compliant
WARRANTY
Product Warranty Period
(Worldwide)
2-year limited warranty
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com