Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD270P3 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD270P3
Description  4-8 GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD270P3 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD270P3 Datasheet HTML 1Page - Qorvo, Inc CMD270P3 Datasheet HTML 2Page - Qorvo, Inc CMD270P3 Datasheet HTML 3Page - Qorvo, Inc CMD270P3 Datasheet HTML 4Page - Qorvo, Inc CMD270P3 Datasheet HTML 5Page - Qorvo, Inc CMD270P3 Datasheet HTML 6Page - Qorvo, Inc CMD270P3 Datasheet HTML 7Page - Qorvo, Inc CMD270P3 Datasheet HTML 8Page - Qorvo, Inc CMD270P3 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CMD270P3
4-8 GHz Low Noise Amplifier
Data Sheet | November 4, 2021 | Subject to change without notice
1 of 10
www.qorvo.com
®
Product Overview
The CMD270P3 is a broadband MMIC low noise amplifier
housed in a leadless 3x3 mm plastic surface mount
package. The CMD270P3 is ideally suited for EW and
communications systems where small size and low power
consumption are needed. The broadband device delivers
greater than 16 dB of gain with a corresponding output 1
dB compression point of +18 dBm and a noise figure of 1.7
dB. The CMD270P3 is a 50 ohm matched design
eliminating the need for external DC blocks and RF port
matching.
Functional Block Diagram
Electrical Performance (Vdd = 4.0 V, TA = 25o C, F = 6 GHz)
)
)
)
)
)
Parameter
Min
Typ
Max
Units
Frequency Range
4 - 8
GHz
Gain
16
dB
Noise Figure
1.7
dB
Input Return Loss
15
dB
Output Return Loss
11
dB
Output P1dB
18
dBm
Supply Current
60
mA
Key Features
• Ultra Low Noise Figure
• High Gain Broadband Performance
• Single Supply Voltage: +4.0 V @ 60 mA
• Pb-free RoHs Compliant 3x3 QFN Package
Ordering Information
Part No.
Description
CMD270P3
100 pcs on 7
’’ reel


Similar Part No. - CMD270P3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD270P3 MMIC-CMD270P3 Datasheet
231Kb / 9P
4-8 GHz Low Noise Amplifier
More results

Similar Description - CMD270P3

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TLA-8-2013 TELEDYNE-TLA-8-2013 Datasheet
892Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2014 TELEDYNE-TLA-8-2014 Datasheet
890Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2015 TELEDYNE-TLA-8-2015 Datasheet
890Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
logo
Pasternack Enterprises,...
PE1522 PASTERNACK-PE1522 Datasheet
202Kb / 2P
Low Noise Amplifier 4 ??8 GHz
logo
Custom MMIC Design Serv...
CMD185P3 MMIC-CMD185P3 Datasheet
235Kb / 10P
4-8 GHz Low Noise Amplifier
CMD219C4 MMIC-CMD219C4 Datasheet
248Kb / 12P
4-8 GHz GaN Low Noise Amplifier
CMD219 MMIC-CMD219 Datasheet
224Kb / 12P
4-8 GHz GaN Low Noise Amplifier
CMD270 MMIC-CMD270 Datasheet
237Kb / 8P
4-8 GHz Low Noise Amplifier
CMD270P3 MMIC-CMD270P3 Datasheet
231Kb / 9P
4-8 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD270 QORVO-CMD270 Datasheet
237Kb / 8P
4-8 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com