Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4041ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4041ESA
Description  Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4041ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4041ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4041ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Single/Dual/Quad, Low-Cost, SOT23,
Micropower, Rail-to-Rail I/O Op Amps
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—TA = +25°C (continued)
(VCC = +5.0V, VEE = 0V, VCM = 0V, VOUT = VCC / 2, SHDN = VCC, RL = 100k
Ω tied to VCC / 2, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Supply Current
per Amplifier
ICC
28
Supply-Voltage Range
VCC
2.4
5.5
V
Inferred from PSRR test
(Note 1)
Input Offset Current
IOS
±8
nA
Input Voltage Noise Density
en
70
nV/
√Hz
Input Current Noise Density
in
0.05
pA/
√Hz
Capacitive-Load Stability
200
pF
Power-Up Time
tON
200
µs
Input Capacitance
CIN
3
pF
f = 1kHz
f = 1kHz
AVCL = +1V/V, no sustained oscillations
Slew Rate
SR
40
V/ms
Total Harmonic Distortion
THD
0.05
%
Settling Time to 0.01%
tS
50
µs
fIN = 1kHz, VOUT = 2Vp-p, AV = +1V/V
AV = +1V/V, VOUT = 2VSTEP
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Gain Margin
Gm
18
dB
Output Leakage Current in
Shutdown
IOUT(SHDN)
20
100
nA
SHDN = VEE = 0, MAX4041/MAX4043 only
(Note 2)
µA
6.0
SHDN = VEE, MAX4041 and MAX4043 only
Shutdown Supply
Current per Amplifier
ICC(SHDN)
µA
Shutdown Time
tSHDN
50
µs
MAX4041 and MAX4043 only
Enable Time from Shutdown
tEN
150
µs
MAX4041 and MAX4043 only
ELECTRICAL CHARACTERISTICS—TA = TMIN to TMAX
(VCC = +5.0V, VEE = 0V, VCM = 0V, VOUT = VCC / 2, SHDN = VCC, RL = 100k
Ω tied to VCC / 2, unless otherwise noted.) (Note 3)
Input Offset Voltage Drift
TCVOS
2
µV/°C
(Note 1)
Input Bias Current
IB
±20
nA
Phase Margin
Φm
68
degrees
±4.5
SHDN Logic Low
VIL
0.3 x VCC
V
MAX4041/MAX4043 only
SHDN Logic High
VIH
0.7 x VCC
V
MAX4041/MAX4043 only
SHDN Input Bias Current
IIH, IIL
40
120
nA
MAX4041/MAX4043 only
Gain Bandwidth Product
GBW
90
kHz
±5.0
VOS
Input Offset Voltage
mV
±3.5
VEE
≤ VCM ≤ VCC
MAX4044ESA
All other packages
MAX404_EU_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com