Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FB3305B2 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # FB3305B2
Description  HART Transmitter Power Supply, Input Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FB3305B2 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  FB3305B2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FB3305B2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FB3305B2 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Connection
backplane bus
Interface
manufacturer-specific bus to standard com unit
Analog input
Number of channels
4
Suitable field devices
Field device
pressure converter
Field device [2]
flow converter
Field device [3]
level converter
Field device [4]
Temperature Converter
Field device interface
Connection
2-wire transmitter
Connection [2]
3-wire transmitter
Connection [3]
4-wire transmitter
Connection
2-wire transmitter (HART):Supply circuit: channel I 1+, 2-, channel II 5+, 6-, channel III
9+, 10-, channel IV 13+, 14-3-wire transmitter:Supply circuit: channel I 1+, 4-, channel
II 5+, 8-, channel III 9+, 12-, channel IV 13+, 16-Measurement loop: channel I 3+, 4-,
channel II 7+, 8-, channel III 11+, 12-, channel IV 15+, 16-4-wire transmitter (powered
externally):Measurement loop: channel I 3+, 4-, channel II 7+, 8-, channel III 11+, 12-,
channel IV 15+, 16-
Transmitter supply voltage
min. 15 V at 20 mA ; 21.5 V at 4 mA
Input resistance
15 Ω
Conversion time
max. 100 ms
Line fault detection
can be switched on/off for each channel via configuration tool , configurable via
configuration tool
Short-circuit
factory setting: > 22 mA configurable between 0 ... 26 mA
Open-circuit
factory setting: < 1 mA configurable between 0 ... 26 mA
HART communication
yes
HART secondary variable
no
Transfer characteristics
Deviation
After calibration
0.1 % of the signal range at 20 °C (68 °F)
Influence of ambient temperature
0.1 %/10 K of the signal range
Resolution
12 Bit (0 ... 26 mA)
Refresh time
100 ms
Indicators/settings
LED indication
Power LED (P) green: supply
Diagnostic LED (I) red: module fault , red flashing: communication error , white: fixed
parameter set (parameters from com unit are ignored) , white flashing: requests
parameters from com unit
Status LED (1-4) red: line fault (lead breakage or short circuit)
Coding
optional mechanical coding via front socket
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013
Conformity
Electromagnetic compatibility
NE 21:2007
Degree of protection
IEC 60529:2000
Environmental test
EN 60068-2-14:2009
Shock resistance
EN 60068-2-27:2009
Vibration resistance
EN 60068-2-6:2008
Damaging gas
EN 60068-2-42:2003
Relative humidity
EN 60068-2-78:2001
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Storage temperature
-25 ... 85 °C (-13 ... 185 °F)
Relative humidity
95 % non-condensing
Shock resistance
shock type I, shock duration 11 ms, shock amplitude 15 g, number of shocks 18
HART Transmitter Power Supply, Input Isolator
FB3305B2
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com