Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1683T Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SD1683T
Description  50V/4A Switching Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1683T Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SD1683T Datasheet HTML 1Page - Sanyo Semicon Device 2SD1683T Datasheet HTML 2Page - Sanyo Semicon Device 2SD1683T Datasheet HTML 3Page - Sanyo Semicon Device 2SD1683T Datasheet HTML 4Page - Sanyo Semicon Device 2SD1683T Datasheet HTML 5Page - Sanyo Semicon Device 2SD1683T Datasheet HTML 6Page - Sanyo Semicon Device 2SD1683T Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SB1143/2SD1683
No.2063-3/7
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
--5
--3
--2
--1
--4
0
0
--0.4
--0.8
--2.0
--1.6
--1.2
IB=0mA
ITR09047
2SB1143
--5mA
--10mA
--20mA
--50mA
--100mA
--200mA
5
3
2
1
4
0
0
0.4
0.8
2.0
1.6
1.2
IB=0mA
ITR09048
2SD1683
5mA
10mA
20mA
80mA
60mA
40mA
100mA
0
--0.2
--0.4
--0.6
--0.8
--1.4
--1.2
--1.0
--4.8
--4.0
--3.2
--2.4
--1.6
--0.8
0
ITR09051
2SB1143
VCE= --2V
0
0.2
0.4
0.6
0.8
1.4
1.2
1.0
4.8
4.0
3.2
2.4
1.6
0.8
0
ITR09052
2SD1683
VCE=2V
2
3
5
7
1000
2
3
5
7
100
10
23
5
--0.01
23
5
5
--0.1
23
7
7
7
--1.0
ITR09053
2SB1143
VCE= --2V
Ta=75
°C
25
°C
--25
°C
2
3
5
7
1000
2
3
5
7
100
10
23
5
0.01
23
5
5
0.1
23
7
7
7
1.0
ITR09054
Ta=75°C
25
°C
--25°C
2SD1683
VCE=2V
--2.0
--1.2
--0.8
--0.4
--1.6
0
0
--4
--8
--20
--16
--12
IB=0mA
ITR09049
2SB1143
--2mA
--4mA
--6mA
--8mA
--14mA
--12mA
--10mA
2.0
1.2
0.8
0.4
1.6
0
04
8
20
16
12
IB=0mA
ITR09050
2SD1683
2mA
1mA
3mA
4mA
6mA
5mA
8mA
7mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com