Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC69301 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC69301
Description  Single Supply VIN, Low VIN, Low VOUT, 3A LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC69301 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC69301 Datasheet HTML 7Page - Microchip Technology MIC69301 Datasheet HTML 8Page - Microchip Technology MIC69301 Datasheet HTML 9Page - Microchip Technology MIC69301 Datasheet HTML 10Page - Microchip Technology MIC69301 Datasheet HTML 11Page - Microchip Technology MIC69301 Datasheet HTML 12Page - Microchip Technology MIC69301 Datasheet HTML 13Page - Microchip Technology MIC69301 Datasheet HTML 14Page - Microchip Technology MIC69301 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006625A-page 11
MIC69301/2/3
4.0
FUNCTIONAL DESCRIPTION
The MIC69301/2/3 are ultra-high performance low
dropout linear regulators designed for high current
applications that require a fast transient response. It
utilizes a single input supply and has a very low dropout
voltage that is perfect for low-voltage DC-to-DC
conversions. The MIC69301/2/3 require a minimum
number of external components.
The MIC69301/2/3 regulators are fully protected from
damage due to fault conditions offering constant
current limiting and thermal shutdown.
4.1
Input Supply Voltage
VIN provides a high current to the collector of the pass
transistor. The minimum input voltage is 1.65V,
allowing conversion from low voltage supplies.
4.2
Output Capacitor
The MIC69301/2/3 require a minimum of output
capacitance to maintain stability. However, proper
capacitor selection is important to ensure desired
transient response. The MIC69301/2/3 are specifically
designed to be stable with low-ESR ceramic chip
capacitors. A 10 µF ceramic chip capacitor should
satisfy most applications. Output capacitance can be
increased without bound. See the Typical Performance
Curves for examples of load transient response.
X7R dielectric ceramic capacitors are recommended
because of their temperature performance. X7R-type
capacitors change capacitance by only 15% over their
operating temperature range and are the most stable
type of ceramic capacitors. Z5U and Y5V dielectric
capacitors change value by as much as 50% and 60%,
respectively over their operating temperature ranges.
To use a ceramic chip capacitor with Y5V dielectric the
value must be much higher than an X7R ceramic or a
tantalum capacitor to ensure the same capacitance
value over the operating temperature range. Tantalum
capacitors have a very stable dielectric (10% over their
operating temperature range) and can also be used
with this device.
4.3
Input Capacitor
An input capacitor of 1 µF or greater is recommended
when the device is more than 4 inches away from the
bulk supply capacitance or when the supply is a battery.
Small, surface mount, ceramic chip capacitors can be
used for the bypassing. The capacitor should be placed
within 1 inch of the device for optimal performance.
Larger values will help to improve ripple rejection by
bypassing the input to the regulator further improving
the integrity of the output voltage.
4.4
Minimum Load Current
The MIC69301/2/3 regulator is specified between finite
loads. If the output current is too small, leakage
currents dominate and the output voltage rises. A
10 mA minimum load current is necessary for proper
operation.
4.5
Adjustable Regulator Design
The MIC69302 and MIC69303 adjustable version
allows programming the output voltage anywhere
between 0.5V and 5.0V with two resistors. The resistor
value between VOUT and the adjust pin should not
exceed 10 kΩ. Larger values can cause instability. The
resistor values are calculated by:
EQUATION 4-1:
4.6
Enable
The fixed output voltage versions of the MIC69301
feature an active-high enable input (EN) that allows
on-off control of the regulator. Current drain reduces to
near zero when the device is shutdown, with only
microamperes of leakage current. EN may be directly
tied to VIN and pulled up to the maximum supply
voltage.
4.7
Thermal Design
Linear regulators are simple to use. The most
complicated design parameters to consider are thermal
characteristics. Thermal design requires the following
application-specific parameters:
• Maximum ambient temperature (TA)
• Output current (IOUT)
• Output voltage (VOUT)
• Input voltage (VIN)
• Ground current (IGND)
First, calculate the power dissipation of the regulator
from these numbers and the device parameters from
this data sheet.
EQUATION 4-2:
VOUT 0.5 R1
R2
------- 1
+
=
Where:
VOUT = Desired output voltage.
PD
VIN VOUT
–
IOUT
VIN
+
IGND
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com