Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

529460 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 529460
Description  Micro filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

529460 Datasheet(HTML) 1 Page - Festo Corporation.

  529460 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Micro filter
MS4-LFM-1/4-ARM-Z
Part number: 529460
Data sheet
Feature
Value
Series
MS
Size
4
Structural design
Fiber filter
Grade of filtration
0.01 µm
Condensate drain
Manually rotating
Symbol
00991519
Operating pressure
0 bar ... 14 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [6:8:4]
Inert gas
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [1:7:2]
Max. standard flow rate for air quality class
360 l/min
Min. standard flow rate for air quality class
54 l/min
Filter efficiency
99.9999 %
Max. condensate volume
19 ml
Bowl guard
Plastic bowl guard
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
For use in the food industry
See supplementary material information
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Storage temperature
-10 °C ... 60 °C
Residual oil content
0.01 mg/m³
Type of mounting
Optionally:
Line installation
With accessories
Mounting position
Vertical +/- 5°
Pneumatic connection 1
G1/4
Pneumatic connection 2
G¼
Housing material
Die-cast aluminum
Compressed air filter material
Borosilicate fiber
Material of bowl
PC
Seals material
NBR
Note on materials
Free of copper and PTFE
RoHS-compliant
Product weight
190 g
3/6/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 529460

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529461 FESTO-529461 Datasheet
78Kb / 1P
Fine filter
3/3/22
529463 FESTO-529463 Datasheet
79Kb / 1P
Micro filter
3/6/22
529465 FESTO-529465 Datasheet
78Kb / 1P
Fine filter
3/3/22
529467 FESTO-529467 Datasheet
79Kb / 1P
Active carbon filter
3/10/22
529468 FESTO-529468 Datasheet
79Kb / 1P
Active carbon filter
3/10/22
More results

Similar Description - 529460

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
535768 FESTO-535768 Datasheet
79Kb / 1P
Micro filter
3/6/22
537214 FESTO-537214 Datasheet
80Kb / 2P
Micro filter
3/6/22
537223 FESTO-537223 Datasheet
81Kb / 2P
Micro filter
3/6/22
529657 FESTO-529657 Datasheet
78Kb / 1P
Micro filter
3/8/22
529658 FESTO-529658 Datasheet
79Kb / 1P
Micro filter
3/8/22
531862 FESTO-531862 Datasheet
79Kb / 1P
Micro filter
3/8/22
531866 FESTO-531866 Datasheet
79Kb / 1P
Micro filter
3/8/22
536871 FESTO-536871 Datasheet
79Kb / 2P
Micro filter
3/8/22
536889 FESTO-536889 Datasheet
80Kb / 2P
Micro filter
3/8/22
536893 FESTO-536893 Datasheet
80Kb / 2P
Micro filter
3/8/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com