Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1765ACPZ-1.2-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1765ACPZ-1.2-R7
Description  5 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1765ACPZ-1.2-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1765ACPZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP1765ACPZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP1765ACPZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP1765ACPZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP1765ACPZ-1.2-R7 Datasheet HTML 16Page - Analog Devices ADP1765ACPZ-1.2-R7 Datasheet HTML 17Page - Analog Devices ADP1765ACPZ-1.2-R7 Datasheet HTML 18Page - Analog Devices ADP1765ACPZ-1.2-R7 Datasheet HTML 19Page - Analog Devices ADP1765ACPZ-1.2-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADP1765
Data Sheet
Rev. A | Page 16 of 20
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over temperature
and tolerance at the chosen output voltage.
To guarantee the performance of the ADP1765, it is imperative
to evaluate the effects of dc bias, temperature, and tolerances on
the behavior of the capacitors for each application.
UNDERVOLTAGE LOCKOUT
The ADP1765 has an internal undervoltage lockout (UVLO)
circuit that disables all inputs and the output when the input
voltage is less than approximately 1.06 V. The UVLO ensures that
the ADP1765 inputs and output behave in a predictable manner
during power-up.
CURRENT-LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADP1765 is protected against damage due to excessive power
dissipation by current-limit and thermal overload protection
circuits. The ADP1765 is designed to reach the current limit
when the output load reaches 8.0 A (typical). When the output
load exceeds 8.0 A, the output voltage is reduced to maintain a
constant current limit.
Thermal overload protection is included that limits the junction
temperature to a maximum of 152°C (typical). Under extreme
conditions (that is, high ambient temperature and power dissipa-
tion) when the junction temperature begins to rise above 152°C,
the output turns off, reducing the output current to zero. When the
junction temperature drops below 136°C (typical), the output turns
on again, and the output current is restored to its nominal value.
Consider the case where a hard short from VOUT to ground
occurs. At first, the ADP1765 reaches the current limit so that
only 8.0 A is conducted into the short. If self-heating of the
junction becomes great enough to cause its temperature to rise
above 152°C, thermal shutdown activates, turning off the
output and reducing the output current to zero. As the junction
temperature cools and drops below 136°C, the output turns on
and conducts 8.0 A into the short, again causing the junction
temperature to rise above 152°C. This thermal oscillation between
136°C and 152°C causes a current oscillation between 8.0 A and
0 A that continues as long as the short remains at the output.
Current-limit and thermal overload protections are intended to
protect the device against accidental overload conditions. For
reliable operation, device power dissipation must be externally
limited so that junction temperatures do not exceed 125°C.
PARALLELING ADP1765 DEVICES FOR HIGH
CURRENT APPLICATIONS
In applications where high output current is required while
maintaining low noise and high PSRR performance, connect two
ADP1765 devices in parallel to handle loads up to 9 A.
When paralleling theADP1765, the two outputs must be of the
same voltage setting to maintain good current sharing between
the two LDOs. To improve current sharing accuracy, add identical
ballast resistors (RBALLAST) at the output of each regulator, as shown
in Figure 49. Note that large ballast resistors improve current
sharing accuracy, but degrade the load regulation performance
and increase the losses along the power line. Therefore, it is best
to keep the ballast resistors at a minimum. In addition, tie the
VADJ, SS, and REFCAP pins of the LDO regulators together to
minimize error between the two outputs.
Use Equation 5 to calculate the output of the two paralleled
ADP1765 LDOs.
VOUT = 2 ×AD × (RADJ × IADJ)
(5)
where:
AD is the gain factor with a typical value of 2.99 between the
VADJ pin and VOUT pin.
IADJ is the 50 µA constant current out of the VADJ pin.
VIN
EN
ENABLE
SS
VREG
VOUT
SENSE
COUT
22µF
PG
VADJ
GND
REFCAP
CIN
22µF
RPULLUP
100kΩ
RBALLAST = 5mΩ
RBALLAST = 5mΩ
VOUT = 1.2V/9A
ADP1765
VIN = 1.5V
VIN
EN
SS
VREG
VOUT
SENSE
COUT
22µF
PG
VADJ
GND
REFCAP
CIN
22µF
ADP1765
CREG
1µF
CREF
1µF
RADJ
4.02kΩ
CSS
1nF
CREG
1µF
CREF
1µF
Figure 49. Two ADP1765 Devices Connected in Parallel to Achieve Higher Current Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com