Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP18-M Datasheet(PDF) 2 Page - CUI INC

Part # CP18-M
Description  PELTIER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP18-M Datasheet(HTML) 2 Page - CUI INC

  CP18-M Datasheet HTML 1Page - CUI INC CP18-M Datasheet HTML 2Page - CUI INC CP18-M Datasheet HTML 3Page - CUI INC CP18-M Datasheet HTML 4Page - CUI INC CP18-M Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
date 07/08/2020
│ page 2 of 5
CUI Devices
│ SERIES: CP18-M │ DESCRIPTION: PELTIER MODULE
cuidevices.com
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
solder melting temperature
connection between thermoelectric pairs
235
°C
assembly compression
0.8
MPa
RoHS
yes
MECHANICAL DRAWING
units: mm
MATERIAL
PLATING
ceramic plate
96% AL
2O3
wire leads
Ø0.25-0.3 mm
annealed copper
tin
sealer
no sealing
ceramic surface
Au plating on select models
COLD SIDE
HOT SIDE
THICKNESS
LENGTH
WIDTH
50.0±5.0
COLD SIDE
(-)
(+)
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
GOLD
PLATING HOT/
COLD SIDES
CP1881-222
8.1 ±0.3
8.1 ±0.3
2.22 ±0.15
NO
CP1881-254P
8.1 ±0.3
8.1 ±0.3
2.54 ±0.15
YES
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com