Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLUSB7000A Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SLUSB7000A
Description  EFR32ZG14 Zen Gecko Z-Wave 700 USB Stick Bridge Module UZB-7
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SLUSB7000A Datasheet(HTML) 2 Page - Silicon Laboratories

  SLUSB7000A Datasheet HTML 1Page - Silicon Laboratories SLUSB7000A Datasheet HTML 2Page - Silicon Laboratories SLUSB7000A Datasheet HTML 3Page - Silicon Laboratories SLUSB7000A Datasheet HTML 4Page - Silicon Laboratories SLUSB7000A Datasheet HTML 5Page - Silicon Laboratories SLUSB7000A Datasheet HTML 6Page - Silicon Laboratories SLUSB7000A Datasheet HTML 7Page - Silicon Laboratories SLUSB7000A Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UZB-7: Z-Wave 700 USB Stick Bridge Module
Datasheet
silabs.com | Building a more connected world.
Rev 2.00
Product Specifications
General Specifications
Z-Wave Libraries
ERF32ZG14 Zen Gecko SoC
Z-Wave Library
Bridge Controller
USB powered
5.00 ± 0.25 V
Z/IP Application
Version 5.64 or later
RF Transmit current
22 mA (typ.)
Z-Wave DLL
Version 5.64 or later
RF Receive current
20 mA (typ.)
RF Transmit power *1
Up to +13 dBm (max.)
Ordering Information *3
RF Sensitivity
9.6 kbps
40 kbps
100 kbps
101 dBm (typ.)
100 dBm (typ.)
97 dBm (typ.)
SLUSB7000A
SLUSB7000A-EU
SLUSB7000A-US
SLUSB7000A-JP
SLUSB7000A-ANZ
UZB-7 BRD1001A
EU Frequency
US Frequency
Japan Frequency
ANZ Frequency
Operating Temperature
-20 to 75˚C
Internal antenna
PCB antenna
Sleep current * 2
< 25 µA
Range
100 m open space line-of-sight
Note* 1 Allowable transmit power are governed by respective regulatory
Note* 2 UZB-7 is typically always active
Note* 3 Region specific to be confirmed
Block diagram
Refer to [1] UZB-7 Reference Manual for further descriptions of each blocks, design considerations and options for UZB-7.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com