Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZB5AFDA Datasheet(PDF) 1 Page - Schneider Electric

Part # ZB5AFDA
Description  Head for non illuminated push button, Harmony XB5, key operated pushbutton 횠22 mm turn release Dom 4A185
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB5AFDA Datasheet(HTML) 1 Page - Schneider Electric

  ZB5AFDA Datasheet HTML 1Page - Schneider Electric ZB5AFDA Datasheet HTML 2Page - Schneider Electric ZB5AFDA Datasheet HTML 3Page - Schneider Electric ZB5AFDA Datasheet HTML 4Page - Schneider Electric ZB5AFDA Datasheet HTML 5Page - Schneider Electric ZB5AFDA Datasheet HTML 6Page - Schneider Electric ZB5AFDA Datasheet HTML 7Page - Schneider Electric ZB5AFDA Datasheet HTML 8Page - Schneider Electric ZB5AFDA Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product data sheet
Specifications
Head for non illuminated push
button, Harmony XB5, key operated
pushbutton Ø22 mm turn release
Dom 4A185
ZB5AFDA
Product availability : Stock - Normally stocked in distribution
facility
Price* : 107.00 USD
Main
Range of Product
Harmony XB5
Product or Component Type
Head for non-illuminated push-button
Device short name
ZB5
Bezel material
Dark grey plastic
Mounting diameter
0.87 in (22 mm)
Head type
Standard
Sale per indivisible quantity
1
Shape of signaling unit head
Round
Type of operator
turn to release
Operator profile
key switch
Type of keylock
Dom 4A185
Key withdrawal position
Both positions
Locking position
Both positions
Complementary
CAD overall width
1.14 in (29 mm)
CAD overall height
1.14 in (29 mm)
CAD overall depth
2.44 in (62 mm)
Net weight
0.11 lb(US) (0.05 kg)
Mechanical durability
500000 cycles
Station name
XALD 1...5 cut-outs
XALK 2...5 cut-outs
Electrical composition code
C12 6 single front mounting
C15 1 single front mounting
SF1 3 single front mounting
SR1 3 single rear mounting
C13 6 single and double front mounting
Environment
Protective treatment
TH
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Mar 7, 2022
1


Similar Part No. - ZB5AFDA

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB5AFDC SCHNEIDER-ZB5AFDC Datasheet
406Kb / 12P
Harmony XB5, Key switch selector head, plastic, black, 횠22, key n 째4A185, 3 positions, push-turn to release
Mar 7, 2022
More results

Similar Description - ZB5AFDA

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BS12 SCHNEIDER-ZB4BS12 Datasheet
361Kb / 13P
Head for non illuminated push button, Harmony XB4, XB5, black 횠 40 mushroom pushbutton 횠22 mm latching key release
Oct 18, 2021
ZB4BS12K SCHNEIDER-ZB4BS12K Datasheet
358Kb / 12P
Head for non illuminated push button, Harmony XB4, XB5, black 횠 40 mushroom pushbutton 횠22 mm latching key release
Oct 18, 2021
ZB4BS62 SCHNEIDER-ZB4BS62 Datasheet
421Kb / 13P
Head for non illuminated push button, Harmony XB4, XB5, black 횠 60 mushroom pushbutton 횠22 mm latching turn release
Oct 18, 2021
ZB4BS72 SCHNEIDER-ZB4BS72 Datasheet
357Kb / 13P
Head for non illuminated push button, Harmony XB4, XB5, black 횠 30 mushroom pushbutton 횠22 mm latching key release
Oct 18, 2021
ZB4BS557 SCHNEIDER-ZB4BS557 Datasheet
367Kb / 12P
Head for non illuminated push button, Harmony XB4, XB5, yellow 횠 40 mushroom pushbutton 횠22 mm latching turn release
Oct 18, 2021
ZB4BS727 SCHNEIDER-ZB4BS727 Datasheet
374Kb / 12P
Head for non illuminated push button, Harmony XB4, XB5, black 횠 30 mushroom pushbutton 횠22 mm latching key release
Oct 18, 2021
ZB5AH5 SCHNEIDER-ZB5AH5 Datasheet
407Kb / 10P
Head for non illuminated push button, Harmony XB5, yellow projecting pushbutton 횠22 mm push unmarked
Mar 7, 2022
ZB5AS12 SCHNEIDER-ZB5AS12 Datasheet
386Kb / 13P
Head for non illuminated push button, Harmony XB5, black 횠 40 mushroom pushbutton 횠22 mm latching key release
Mar 16, 2022
ZB5AS62 SCHNEIDER-ZB5AS62 Datasheet
443Kb / 13P
Head for non illuminated push button, Harmony XB5, black 횠 60 mushroom pushbutton 횠22 mm latching turn release
Mar 16, 2022
ZB5AS72 SCHNEIDER-ZB5AS72 Datasheet
381Kb / 13P
Head for non illuminated push button, Harmony XB5, black 횠 30 mushroom pushbutton 횠22 mm latching key release
Mar 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com