Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFM-92S Datasheet(PDF) 5 Page - CUI INC

Part # CFM-92S
Description  DC AXIAL FAN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-92S Datasheet(HTML) 5 Page - CUI INC

  CFM-92S Datasheet HTML 1Page - CUI INC CFM-92S Datasheet HTML 2Page - CUI INC CFM-92S Datasheet HTML 3Page - CUI INC CFM-92S Datasheet HTML 4Page - CUI INC CFM-92S Datasheet HTML 5Page - CUI INC CFM-92S Datasheet HTML 6Page - CUI INC CFM-92S Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
date 05/19/2021
│ page 5 of 7
CUI Devices
│ SERIES: CFM-92S │ DESCRIPTION: DC AXIAL FAN
cuidevices.com
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor
4 pole DC brushless
bearing system
sleeve bearing
direction of rotation
counter-clockwise viewed from front of fan blade
dimensions
CFM-9232S models: 92.2 x 92.2 x 32
CFM-9238S models: 92 x 92 x 37.5
mm
mm
material
PBT (UL94V-0)
weight
CFM-9232S models
CFM-9238S models
181.2
200
g
g
MECHANICAL DRAWING
MOUNTING SCREW (Pan Head)
Screw Type
Size
Standard
Torque
Machine Screw
M4
JIS B1111-1974
4.5 kgf-cm
Self-tapping Screw
M5
JIS B1122 Type 2 5.5 kgf-cm
units: mm
wire: UL 1007, 24 AWG
CFM-9238S
CFM-9232S
Notes:
9. Wires only present on versions with output signals.
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
Yellow9
Tach Signal
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
Yellow9
Tach Signal
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com