Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZB5AP2 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZB5AP2
Description  Harmony XB5, Push button head, plastic, projecting, black, 횠22, spring return, booted, unmarked
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB5AP2 Datasheet(HTML) 1 Page - Schneider Electric

  ZB5AP2 Datasheet HTML 1Page - Schneider Electric ZB5AP2 Datasheet HTML 2Page - Schneider Electric ZB5AP2 Datasheet HTML 3Page - Schneider Electric ZB5AP2 Datasheet HTML 4Page - Schneider Electric ZB5AP2 Datasheet HTML 5Page - Schneider Electric ZB5AP2 Datasheet HTML 6Page - Schneider Electric ZB5AP2 Datasheet HTML 7Page - Schneider Electric ZB5AP2 Datasheet HTML 8Page - Schneider Electric ZB5AP2 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product data sheet
Specifications
Harmony XB5, Push button head,
plastic, projecting, black, Ø22,
spring return, booted, unmarked
ZB5AP2
Product availability : Stock - Normally stocked in distribution
facility
Price* : 25.80 USD
Main
Range of Product
Harmony XB5
Product or Component Type
Head for non-illuminated push-button
Device short name
ZB5
Product Compatibility
Not compatible with legend holder
Bezel material
Dark grey plastic
Mounting diameter
0.87 in (22 mm)
Head type
Standard
Sale per indivisible quantity
1
Shape of signaling unit head
Round
Type of operator
spring return
Operator profile
Black projecting, unmarked
Operator additional information
Clear boot
Complementary
CAD overall width
1.18 in (30 mm)
CAD overall height
1.18 in (30 mm)
CAD overall depth
1.38 in (35 mm)
Net weight
0.03 lb(US) (0.014 kg)
Mechanical durability
10000000 cycles
Station name
XALD 1...5 cut-outs
XALK 2...5 cut-outs
Electrical composition code
C1 9 single front mounting
C2 9 single and double front mounting
C11 3 single front mounting
C15 1 single front mounting
SF1 3 single front mounting
SR1 3 single rear mounting
Device presentation
Basic element
Environment
Protective treatment
TH
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Mar 7, 2022
1


Similar Part No. - ZB5AP2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB5AP2S SCHNEIDER-ZB5AP2S Datasheet
436Kb / 12P
Harmony XB5, Push button head, plastic, flush, black, 횠22, spring return, coloured boot, unmarked
Mar 7, 2022
More results

Similar Description - ZB5AP2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BP1 SCHNEIDER-ZB4BP1 Datasheet
369Kb / 13P
Harmony XB4, Push button head, metal, projecting, white, 횠22, spring return, booted, unmarked
Oct 4, 2021
ZB4BP2 SCHNEIDER-ZB4BP2 Datasheet
353Kb / 13P
Harmony XB4, Push button head, metal, projecting, black, 횠22, spring return, booted, unmarked
Oct 4, 2021
ZB4BP3 SCHNEIDER-ZB4BP3 Datasheet
413Kb / 13P
Harmony XB4, Push button head, metal, projecting, green, 횠22, spring return, booted, unmarked
Oct 4, 2021
ZB4BP4 SCHNEIDER-ZB4BP4 Datasheet
417Kb / 13P
Harmony XB4, Push button head, metal, projecting, red, 횠22, spring return, booted, unmarked
Oct 4, 2021
ZB5AL2 SCHNEIDER-ZB5AL2 Datasheet
437Kb / 12P
Harmony XB5, Push button head, plastic, projecting, black, 횠22, spring return, unmarked
Mar 7, 2022
ZB5AL3 SCHNEIDER-ZB5AL3 Datasheet
395Kb / 12P
Harmony XB5, Push button head, plastic, projecting, green, 횠22, spring return, unmarked
Mar 7, 2022
ZB5AP3 SCHNEIDER-ZB5AP3 Datasheet
423Kb / 12P
Harmony XB5, Push button head, plastic, projecting, green, 횠22, spring return, booted, unmarked
Mar 7, 2022
ZB5AP4 SCHNEIDER-ZB5AP4 Datasheet
403Kb / 12P
Harmony XB5, Push button head, plastic, projecting, red, 횠22, spring return, booted, unmarked
Mar 7, 2022
ZB5AP5 SCHNEIDER-ZB5AP5 Datasheet
458Kb / 12P
Harmony XB5, Push button head, plastic, projecting, yellow, 횠22, spring return, booted, unmarked
Mar 7, 2022
ZB5AP6 SCHNEIDER-ZB5AP6 Datasheet
420Kb / 12P
Harmony XB5, Push button head, plastic, projecting, blue, 횠22, spring return, booted, unmarked
Mar 7, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com