Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F469AI Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32F469AI
Description  Arm® Cortex®-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469AI Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32F469AI Datasheet HTML 80Page - STMicroelectronics STM32F469AI Datasheet HTML 81Page - STMicroelectronics STM32F469AI Datasheet HTML 82Page - STMicroelectronics STM32F469AI Datasheet HTML 83Page - STMicroelectronics STM32F469AI Datasheet HTML 84Page - STMicroelectronics STM32F469AI Datasheet HTML 85Page - STMicroelectronics STM32F469AI Datasheet HTML 86Page - STMicroelectronics STM32F469AI Datasheet HTML 87Page - STMicroelectronics STM32F469AI Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 220 page
background image
Memory mapping
STM32F469xx
84/220
DS11189 Rev 7
4
Memory mapping
The memory map is shown in Figure 21.
Figure 21. Memory map
MSv33863V2
512-Mbyte
Block 7
Cortex
®-4
Internal
peripherals
512-Mbyte
Block 6
FMC
0x0000 0000
0x1FFF FFFF
0x2000 0000
0x3FFF FFFF
0x4000 0000
0x5FFF FFFF
0x6000 0000
0x7FFF FFFF
0x8000 0000
0x9FFF FFFF
0xA000 0000
0xCFFF FFFF
0xD000 0000
0xDFFF FFFF
0xE000 0000
0xFFFF FFFF
Reserved
0x2000 0000 - 0x2002 7FFF
0x2002 8000 - 0x2002 FFFF
0x2005 0000 - 0x3FFF FFFF
0x4000 0000
Reserved
0x4000 7FFF
0x4000 8000 - 0x4000 FFFF
0x4001 0000
Reserved
0x5006 0C00 - 0x5FFF FFFF
AHB3
0x6000 0000 - 0xDFFF FFFF
AHB2
0x5006 0BFF
0x5000 0000
SRAM3
(128 KB aliased by bit-banding)
0x2003 0000 - 0x2004 FFFF
APB1
APB2
0x4001 73FF
0x4001 7400 - 0x4001 FFFF
Reserved
0x4008 0000 - 0x4FFF FFFF
0x4007 FFFF
AHB1
Reserved
Flash memory
0x0820 0000 - 0x0FFF FFFF
0x1FFF 0000 - 0x1FFF 7A0F
0x1FFF C000 - 0x1FFF C00 F
0x0800 0000 - 0x081F FFFF
0x0020 0000 - 0x07FF FFFF
0x0000 0000 - 0x001F FFFF
System memory
Reserved
Reserved
Aliased to Flash, system
memory or SRAM depending
on the BOOT pins
0x1FFF C008 - 0x1FFF FFFF
0x1FFF 7A10 - 0x1FFF 7FFF
CCM data RAM
(64 KB data SRAM)
0x1000 0000 - 0x1000 FFFF
0x1001 0000 - 0x1FFE BFFF
0x1FFE C000 - 0x1FFE C00 F
Option bytes
Reserved
0x1FFE C008 - 0x1FFE FFFF
0x4002 0000
Cortex
®-M4
internal peripheral
0xE000 0000 - 0xE00F FFFF
Reserved
0xE010 0000 - 0xFFFF FFFF
512-Mbyte
Block 5
FMC and
QUADSPI
512-Mbyte
Block 4
FMC bank3 and
QUADSPI bank
512-Mbyte
Block 3
FMC bank1 to
QUADSPI bank 2
512-Mbyte
Block 2
Peripherals
512-Mbyte
Block 1
SRAM
512-Mbyte
Block 0
SRAM
SRAM2
(32 KB aliased by bit-banding)
SRAM1
(160 KB aliased by bit-banding)
Reserved
Option Bytes
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com