| Electronic Components Datasheet Search |
|
STM32G071C8 Datasheet(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G071C8 Datasheet(HTML) 79 Page - STMicroelectronics |
|
79 / 135 page ![]() DS12232 Rev 4 79/135 STM32G071x8/xB Electrical characteristics 107 5.3.13 I/O current injection characteristics As a general rule, current injection to the I/O pins, due to external voltage below VSS or above VDDIO1 (for standard, 3.3 V-capable I/O pins) should be avoided during normal product operation. However, in order to give an indication of the robustness of the microcontroller in cases when abnormal injection accidentally happens, susceptibility tests are performed on a sample basis during device characterization. Functional susceptibility to I/O current injection While a simple application is executed on the device, the device is stressed by injecting current into the I/O pins programmed in floating input mode. While current is injected into the I/O pin, one at a time, the device is checked for functional failures. The failure is indicated by an out-of-range parameter: ADC error above a certain limit (higher than 5 LSB TUE), induced leakage current on adjacent pins out of conventional limits (-5 µA/+0 µA range) or other functional failure (for example reset occurrence or oscillator frequency deviation). Negative induced leakage current is caused by negative injection and positive induced leakage current is caused by positive injection. Table 50. I/O current injection susceptibility(1) Symbol Description Functional susceptibility Unit Negative injection Positive injection IINJ Injected current on pin All except PA4, PA5, PA6, PB0, PB3, and PC0 -5 N/A mA PA4, PA5 -5 0 mA PA6, PB0, PB3, and PC0 0 N/A mA 1. Based on characterization results, not tested in production. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |