| Electronic Components Datasheet Search |
|
STM32WB55CE Datasheet(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55CE Datasheet(HTML) 50 Page - STMicroelectronics |
|
50 / 193 page ![]() Functional overview STM32WB55xx STM32WB35xx 50/193 DS11929 Rev 11 3.20 Timers and watchdogs The STM32WB55xx and STM32WB35xx include one advanced 16-bit timer, one general- purpose 32-bit timer, two 16-bit basic timers, two low-power timers, two watchdog timers and a SysTick timer. Table 13 compares the features of the advanced control, general purpose and basic timers. 3.20.1 Advanced-control timer (TIM1) The advanced-control timer can be seen as a three-phase PWM multiplexed on six channels. They have complementary PWM outputs with programmable inserted dead-times. They can also be seen as complete general-purpose timers. The four independent channels can be used for: Input capture Output compare PWM generation (edge or center-aligned modes) with full modulation capability (0 to 100%) One-pulse mode output In debug mode, the advanced-control timer counter can be frozen and the PWM outputs disabled to turn off any power switches driven by these outputs. Many features are shared with those of the general-purpose TIMx timers (described in Section 3.20.2) using the same architecture, so the advanced-control timers can work together with the TIMx timers via the Timer Link feature for synchronization or event chaining. 3.20.2 General-purpose timers (TIM2, TIM16, TIM17) There are up to three synchronizable general-purpose timers embedded in the STM32WB55xx and STM32WB35xx (see Table 13 for differences). Each general-purpose timer can be used to generate PWM outputs, or act as a simple time base. TIM2 – Full-featured general-purpose timer Table 13. Timer features Timer type Timer Counter resolution Counter type Prescaler factor DMA request generation Capture/ compare channels Complementary outputs Advanced control TIM1 16-bits Up, down, Up/down Any integer between 1 and 65536 Yes 43 General purpose TIM2 32-bits Up, down, Up/down 4No General purpose TIM16 16-bits Up 2 1 General purpose TIM17 16-bits Up 2 1 Low power LPTIM1 LPTIM2 16-bits Up 1 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |