| Electronic Components Datasheet Search |
|
STM32L071CZ Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L071CZ Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 148 page ![]() DS10690 Rev 7 31/148 STM32L071xx Functional overview 33 3.15 Communication interfaces 3.15.1 I2C bus Up to three I2C interfaces (I2C1 and I2C3) can operate in multimaster or slave modes. Each I2C interface can support Standard mode (Sm, up to 100 kbit/s), Fast mode (Fm, up to 400 kbit/s) and Fast Mode Plus (Fm+, up to 1 Mbit/s) with 20 mA output drive on some I/Os. 7-bit and 10-bit addressing modes, multiple 7-bit slave addresses (2 addresses, 1 with configurable mask) are also supported as well as programmable analog and digital noise filters. In addition, I2C1 and I2C3 provide hardware support for SMBus 2.0 and PMBus 1.1: ARP capability, Host notify protocol, hardware CRC (PEC) generation/verification, timeouts verifications and ALERT protocol management. I2C1/I2C3 also have a clock domain independent from the CPU clock, allowing the I2C1/I2C3 to wake up the MCU from Stop mode on address match. Each I2C interface can be served by the DMA controller. Refer to Table 11 for an overview of I2C interface features. Table 10. Comparison of I2C analog and digital filters Analog filter Digital filter Pulse width of suppressed spikes ≥ 50 ns Programmable length from 1 to 15 I2C peripheral clocks Benefits Available in Stop mode 1. Extra filtering capability vs. standard requirements. 2. Stable length Drawbacks Variations depending on temperature, voltage, process Wakeup from Stop on address match is not available when digital filter is enabled. Table 11. STM32L071xx I2C implementation I2C features(1) 1. X = supported. I2C1 I2C2 I2C3 7-bit addressing mode X X X 10-bit addressing mode X X X Standard mode (up to 100 kbit/s) X X X Fast mode (up to 400 kbit/s) X X X Fast Mode Plus with 20 mA output drive I/Os (up to 1 Mbit/s) XX(2) 2. See Table 15: STM32L071xxx pin definition on page 40 for the list of I/Os that feature Fast Mode Plus capability X Independent clock X - X SMBus X - X Wakeup from STOP X - X |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |