Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L072XB Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32L072XB
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072XB Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32L072XB Datasheet HTML 37Page - STMicroelectronics STM32L072XB Datasheet HTML 38Page - STMicroelectronics STM32L072XB Datasheet HTML 39Page - STMicroelectronics STM32L072XB Datasheet HTML 40Page - STMicroelectronics STM32L072XB Datasheet HTML 41Page - STMicroelectronics STM32L072XB Datasheet HTML 42Page - STMicroelectronics STM32L072XB Datasheet HTML 43Page - STMicroelectronics STM32L072XB Datasheet HTML 44Page - STMicroelectronics STM32L072XB Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 160 page
background image
DS10689 Rev 5
41/160
STM32L072xx
Pin descriptions
58
Figure 7. STM32L072xx WLCSP49 ballout
1. The above figure shows the package top view.
2. The I/O pins supplied by VDD_USB are shown in grey.
Figure 8. STM32L072xx LQFP48 pinout
1. The above figure shows the package top view.
2. The I/O pins supplied by VDD_USB are shown in grey.
MSv36158V3
PA10
VDD_
USB
A
B
C
D
E
F
12
3
4
5
6
PA12
PA8
PB15
PB14
PA15
PA14
PA13
PA11
PA9
PB13
PB3
PB5
BOOT0
VDD
PB4
PB6
PB8
PC13
PB7
PC1
PC0
PC15-
OSC32
_OUT
PB1
VSS
NRST
PH1-
OSC_
OUT
PB2
PA1
PA0
PC2
PB11
PA7
PA4
VDDA
7
PB9
VDD
PC14-
OSC32
_IN
PH0-
OSC_IN
VREF+
PA2
G
PB12
VDD
PB10
PB0
PA6
PA3
PA5
MSv35438V2
44 43 42 41 40 39 38 37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
12
13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
48 47 46 45
VDD_USB
VSS
PA13
PA12
PA11
PA10
PA9
PA8
PB15
PB14
PB13
PB12
VDD
PC13
PC15-OSC32_OUT
PH1-OSC_OUT
NRST
VSSA
VDDA
PA0
PA1
PA2
LQFP48
PH0-OSC_IN
PC14-OSC32_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com