Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISC300 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISC300
Description  Universal Precision Isolated MEASUREMENT CHANNEL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISC300 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ISC300 Datasheet HTML 1Page - Burr-Brown (TI) ISC300 Datasheet HTML 2Page - Burr-Brown (TI) ISC300 Datasheet HTML 3Page - Burr-Brown (TI) ISC300 Datasheet HTML 4Page - Burr-Brown (TI) ISC300 Datasheet HTML 5Page - Burr-Brown (TI) ISC300 Datasheet HTML 6Page - Burr-Brown (TI) ISC300 Datasheet HTML 7Page - Burr-Brown (TI) ISC300 Datasheet HTML 8Page - Burr-Brown (TI) ISC300 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
®
ISC300
2
SPECIFICATIONS
ELECTRICAL
At VCC = 15V, VDD = 5V, TA = +25°C, unless otherwise noted.
ISC300
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISOLATION
Isolation Voltage (VISO)
AC60Hz Continuous
500
Vrms
AC60Hz Continuous
±700
VPEAK
VISO, DC
700
V
Partial Discharge(1)
800
Vrms
Isolation Mode Rejection (IMR)
VISO = Rated 60Hz Cont(2)
110
dB
Barrier Impedance
2 || 15
G
Ω || pF
Leakage Current (IISO)VISO = 240 Vrms 60Hz
4
µArms
GAIN
Voltage Gains
50, 0.5
V/V
Resistance Conversion
10
mV/
Ω
Initial Error
±3%
vs Temperature
0
°C to +70°C
±30
±50
ppm/
°C
Nonlinearity
VO = –5V to +5V(4)
±0.01
±0.025
%
INPUT OFFSET VOLTAGE
Initial Offset (Input Referred)
VIN = 0V G = 0.5
±200
mV
VIN = 0V G = 50
±5mV
vs Temperature
0
°C to +70°C G = 0.5
±200
µV/°C
0
°C to +70°C G = 50
±5
µV/°C
vs Supply (VCC)VCC = 14V to 16V
±1.5
mV/V
INPUT CURRENT
Initial Bias
35
50
nA
vs Temperature
–40
°C to +85°C
100
pA/
°C
INPUT
Voltage Range
Rated Operation G = 0.5V Input
±10
V
Rated Operation G = 50V Input
±0.1
V
Resistance Range
Rated Operation G = 50 3-wire Resistance
0
500
Ω
Peak Voltage
Applied to Any Signal Input Wrt Com 1(5)
±380
V
Impedance: Differential
10
M
Ω
Common Mode Rejection
CMR at DC Gain = 0.5(3)
66
75
dB
CMR at DC Gain = 50(3)
75
100
dB
CMR at 60Hz(3)
60
70
dB
Source Impedance Imbalance
For Normal Operation < 1k
Ω Imbalance
10
k
Ω
OUTPUT
Voltage Range
Min Load = 1M
Ω±5V
Overrange Voltage
During Input Fault (VIN < –11V or VIN > 11V)
±5.4
V
Output Impedance
3k
Ω
Ripple Voltage
f = 0 to 5kHz Min Load 1M
Ω
0.5
mVrms
f = 0 to 100kHz Min Load 1M
Ω
10
mVp-p
FREQUENCY RESPONSE
Input Bandwidth
3.5
Hz
Input Settling Time
0.5
s
Input Overload Recovery
5s
Output Overload Settling Time
TSETT, to within 5% for VIN < 14V
1
5
ms
Output Overload Recovery
2ms
VOLTAGE REFERENCE
VREF1 (Internal and External)
10
V
Initial Accuracy
External Loading of 100nA
±0.1
±1%
vs Temperature
±10
±20
ppm/
°C
vs Time
±20
ppm/kHr
vs Supply (VCC)
%/V
VREF2 (Internal)
100
mV
Initial Accuracy(6)
±0.1
±1%
vs Temperature
±10
±20
ppm/
°C
vs Time
±20
ppm/kHr
vs Supply (VCC)
%/V
POWER SUPPLIES
Analog Supply Range
VCC Pin
14
16
V
Supply Current
No External Load
5
10
mA
Digital Supply Range
VDD Pin
4
6
V
Supply Current
13
mA
Total Power Dissipation
No External Load
80
184
mW
Isolated Supplies: Voltage
at 5mA Each Supply
11.5
13
V
Current
5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com