Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C14 Datasheet(PDF) 5 Page - CUI INC

Part # C14
Description  PANEL MOUNT ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

C14 Datasheet(HTML) 5 Page - CUI INC

  C14 Datasheet HTML 1Page - CUI INC C14 Datasheet HTML 2Page - CUI INC C14 Datasheet HTML 3Page - CUI INC C14 Datasheet HTML 4Page - CUI INC C14 Datasheet HTML 5Page - CUI INC C14 Datasheet HTML 6Page - CUI INC C14 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
date 10/14/2020
│ page 5 of 7
CUI Devices
│ SERIES: C14 │ DESCRIPTION: PANEL MOUNT ENCODER
cuidevices.com
MECHANICAL DRAWING (CONTINUED)
units: mm
3.3V INPUT, WITHOUT PUSH SWITCH
CUIINC
Mounting Hole
Dimensions
Ø6.0mm Shaft
Ø6.35mm Shaft
Ø3.175mm Shaft
MECHANICAL DRAWING, TERMINATION OPTIONS
units: mm
OPTION A:
Ø0.5MM HOLES
OPTION B: 130MM CABLE WITH CONNECTOR
OPTION C: HEADER I
OPTION D: HEADER II
PCB Layout
tolerance: ±0.05
PCB Layout
tolerance: ±0.05
Mounting Hole
Dimensions
Mounting Hole
Dimensions
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com