Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFU-1/4 Datasheet(PDF) 1 Page - Festo Corporation.

Part # LFU-1/4
Description  Filter muffler
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

LFU-1/4 Datasheet(HTML) 1 Page - Festo Corporation.

  LFU-1/4 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Filter muffler
LFU-1/4
Part number: 539132
Data sheet
Feature
Value
Size
G1/4
Mounting position
Vertical +/- 5°
Grade of filtration
1 µm
Condensate drain
Manually rotating
Symbol
00991531
Inlet pressure 1
0 bar ... 16 bar
Flow rate with respect to atmosphere
≥4000 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Noise reduction
Reduction by 40 dB
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-10 °C ... 60 °C
Product weight
190 g
Pneumatic connection
G1/4
Note on materials
Free of copper and PTFE
Housing material
PP
3/10/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - LFU-1/4

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
LFU-1/2 FESTO-LFU-1/2 Datasheet
67Kb / 1P
Filter muffler
3/10/22
More results

Similar Description - LFU-1/4

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
12638 FESTO-12638 Datasheet
89Kb / 1P
Pneumatic muffler
12741 FESTO-12741 Datasheet
79Kb / 1P
Pneumatic muffler
538437 FESTO-538437 Datasheet
66Kb / 1P
Muffler extension
571280 FESTO-571280 Datasheet
97Kb / 1P
Pneumatic muffler
2307 FESTO-2307 Datasheet
101Kb / 1P
Pneumatic muffler
4646 FESTO-4646 Datasheet
105Kb / 1P
Pneumatic muffler
6842 FESTO-6842 Datasheet
84Kb / 1P
Pneumatic muffler
10494 FESTO-10494 Datasheet
67Kb / 1P
Filter muffler
3/10/22
10495 FESTO-10495 Datasheet
66Kb / 1P
Filter muffler
3/10/22
539133 FESTO-539133 Datasheet
75Kb / 1P
Filter muffler
3/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com