Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2115 Datasheet(PDF) 12 Page - BCD Semiconductor Manufacturing Limited

Part # AP2115
Description  300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2115 Datasheet(HTML) 12 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2115 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2115
Preliminary Datasheet
12
Oct. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Figure 12. Ripple Rejection vs. Frequency
10
100
1000
10000
100000
30
40
50
60
70
80
90
Frequency (Hz)
AP2115-3.0V
V
IN
=4V
I
OUT
=30mA
T
A
=25
OC
Figure 13. Output Voltage vs. Ambient Temperature
100
110
120
130
140
150
160
170
180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
AP2115-3.0V
V
IN
=4V
I
OUT
=1mA
Ambient Temperature (
oC)
Typical Performance Characteristics (Continued)
Figure 14. Load Transient
VIN=4.0V
Figure 15. Line Transient
IOUT=30mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com