Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2117 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP2117
Description  300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2117 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP2117 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2117 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information Example
Detailed information please refer to the relevant datasheet.
Sep. 2005
BCD Semiconductor Manufacturing Limited
Product Brief
USA
3170 De La Cruz Blvd, Suite # 105 Santa Clara, CA 95054-2411,
U.S.A
Tel : +1-408-988 6388
Fax : +1-408-988 6386
Taiwan
4F, 298-1 Rui Guang Road, Nei-Hu District, Taipei,
Taiwan
Tel : 886-2-2656-2808
Fax : 886-2-2656-2806
Shanghai
8F, B Zone, 900 Yi Shan Road, Shanghai 200233,
China
Tel : 86-21-6495 9539
Fax : 86-21-6485 9673
Shenzhen
Room 27B, Tower C, No. 2070, Shennanzhong Road, Shenzhen
518031, China
Tel : 86-755-8368 3987
Fax : 86-755-8368 3166
Sales Office:
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOT-23-5
-40 to 125oC
AP2117BK-1.8TR
AP2117BK-1.8TRE1
K9B
E9B
Tape & Reel
AP2117BK-2.5TR
AP2117BK-2.5TRE1
K9D
E9D
Tape & Reel
AP2117BK-2.8TR
AP2117BK-2.8TRE1
K9F
E9F
Tape & Reel
AP2117BK-3.0TR
AP2117BK-3.0TRE1
K9H
E9H
Tape & Reel
AP2117BK-3.3TR
AP2117BK-3.3TRE1
K9J
E9J
Tape & Reel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com