| Electronic Components Datasheet Search |
|
USB2PMB2# Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
USB2PMB2# Datasheet(HTML) 2 Page - Maxim Integrated Products |
|
2 / 7 page ![]() Maxim Integrated │ 2 www.maximintegrated.com Evaluates: DS18B20 DS18B20 Evaluation System Procedure The EV system is fully assembled and tested. Follow the steps below to verify board operation: 1. Install the DS18B20GUISetup.msi software on your computer. 2. Align the X2 connector (top row) of the USB2PMB2 with the J1 connector of the DS18B20 EV system. 3. Verify that the shunts are in the default position as shown in Table 1. 4. Connect the USB cable from the PC to the USB2PMB2 board. 5. Open the EV system GUI, DS18B20EVKit.exe (Figure 1). 6. Click the Scan Adapters button. Then select the option PMODxxxxxx (where xxxxxx is numeric) and click the Connect button. 7. Select the desired SCL clock frequency and click the Set SCL button. 8. Select an address from the Set Address dropdown list and click the button to the right. 9. Click the Search button and verify appropriate address was found. 10. Start evaluating the DS18B20 by clicking on the Sample Continuously button. General Description of Software The main window of the DS18B20 EV system software contains controls to evaluate the DS18B20 IC. Configuration The configuration dropdown list allows the user to select the conversion resolution. Use the Resolution drop down list to select between 9-, 10-, 11-, and 12-bits resolution. With each resolution, the user can set the desired sampling rate using the options in the Conversion Time dropdown list. Address The DS2482’s I2C slave address is determined by the logic states of the AD_ pins. The GUI allows controlling the states of the A_ pins by selecting the appropriate checkboxes and setting the appropriate bits in the control byte of the I2C command. Make sure the shunts are installed in the 1-3 position of jumpers J5 and J6. All other shunt options on jumpers J5 and J6 would set the logic levels to low or high. ROM Within the ROM Commands groupbox, the controls include Search ROM, read ROM, match ROM, skip ROM, and alarm search. Commands Within the Command groupbox, the controls include temperature readings, write scratchpad, read scratchpad, copy scratchpad, recall E2, and read power supply. The Read Scratchpad button will update the TH (Temperature High), TL (Temperature Low), and Configuration fields. The Copy Scratchpad button will transfer the current data on the scratchpad to the EEPROM. The Recall E2 button recalls the data stored on the EEPROM. Click Read Scratchpad to retrieve EEPROM data and the appropriate fields will update. Table 1. Jumper Descriptions *Default Position JUMPER SHUNT POSITION DESCRIPTION J2 Not installed Disconnects J1-4 from SCL of the DS2482. External 1-wire option only. Installed* Connects J1-4 to SCL of the DS2482. External I2C option only. J3 1-2* Connects J1-3 to SDA pin of the DS2482. External I2C option only. 1-3 Connects J1-3 to DQ pin of the DS18B20. External 1-wire option only. J4 Not installed* Disconnects IO pin of the DS2482 from DQ pin of the DS18B20. External 1-wire option only. Installed Connects IO pin of the DS2482 to DQ pin of the DS18B20. External I2C option only. J5 1-2 Connects AD0 address pin of the DS2482 to VDD. 1-3* Controls AD0 address pin of the DS2482 through GUI. 1-4 Connects AD0 address pin of the DS2482 to GND. J6 1-2 Connects AD1 address pin of the DS2482 to VDD. 1-3* Controls AD1 address pin of the DS2482 through GUI. 1-4 Connects AD1 address pin of the DS2482 to GND. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |