Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56L-DISCOVERY Datasheet(PDF) 2 Page - STMicroelectronics

Part # SPC56L-DISCOVERY
Description  SPC56EL70L5DISP: Discovery evaluation board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56L-DISCOVERY Datasheet(HTML) 2 Page - STMicroelectronics

  SPC56L-DISCOVERY_V01 Datasheet HTML 1Page - STMicroelectronics SPC56L-DISCOVERY_V01 Datasheet HTML 2Page - STMicroelectronics SPC56L-DISCOVERY_V01 Datasheet HTML 3Page - STMicroelectronics SPC56L-DISCOVERY_V01 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
System requirements, HW and SW resources
SPC56L-Discovery
2/4
DB2005 Rev 3
1
System requirements, HW and SW resources
1.1
System requirements
Windows PC (2000, XP, Vista)
PSU: Input 100-240 Vac (EU plug). Output 12V-2A
1.2
Development toolchain
SPC5Studio (includes Hightec GNU "C" compiler, with a 30-days full free trial license)
SPC5-UDESTK
1.3
Demonstration software
Demonstration software is preloaded in the MCU flash memory for easy demonstration of
the SPC56EL70L5 in stand-alone mode. For more information and to download the latest
version available, please refer to www.st.com/SPC56Ldiscovery and
www.st.com/spc5studio.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com