Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS25BA Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS25BA
Description  3D digital accelerometer sensor kit based on LIS25BA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BA Datasheet(HTML) 1 Page - STMicroelectronics

  LIS25BA Datasheet HTML 1Page - STMicroelectronics LIS25BA Datasheet HTML 2Page - STMicroelectronics LIS25BA Datasheet HTML 3Page - STMicroelectronics LIS25BA Datasheet HTML 4Page - STMicroelectronics LIS25BA Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
User friendly LIS25BA board
Complete LIS25BA pinout for a standard DIL 24 socket
Fully compatible with STEVAL-MKI109V3 motherboard
Double-sided adhesives included for easy mounting on equipment to be
measured
RoHS compliant
Description
The STEVAL-MKI211V1K evaluation board has an embedded LIS25BA 3D
accelerometer which is connected through flat cable to a simple adapter board
(STEVAL-MKIGIBV3) to render it compatible with STEVAL-MKI109V3.
The sensor is soldered precisely in the center of the board and double-sided
adhesives are provided to allow users to conveniently mount the board on equipment
destined for vibration analysis. Alternatively, you can mount the board using the holes
located in each corner of the PCB.
The STEVAL-MKIGIBV3 can be plugged into a standard DIL 24 socket. The kit
provides the complete LIS25BA pin-out and comes ready-to-use with the required
decoupling capacitors on the VDD power supply line.
This adapter is supported by STEVAL-MKI109V3 motherboards with high
performance 32-bit microcontroller functioning as a bridge between the sensor and a
PC, on which it is possible to use the downloadable graphical user interface (Unico
GUI), or dedicated software routines for customized applications.
Product summary
3D digital accelerometer
sensor kit based on
LIS25BA
STEVAL-
MKI211V1K
LIS25BA - MEMS digital
output motion sensor: low
noise, high bandwith, 3-
axis accelerometer with
TDM interface
LIS25BA
ST MEMS adapter
motherboard based on
STM32F401VE
compatible ST MEMS
adapters
STEVAL-
MKI109V3
Application
Internet of
Things
3D digital accelerometer sensor kit based on LIS25BA
STEVAL-MKI211V1K
Data brief
DB4042 - Rev 1 - December 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LIS25BA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS25BA STMICROELECTRONICS-LIS25BA Datasheet
1,022Kb / 32P
MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
May 2019 Rev 4
LIS25BATR STMICROELECTRONICS-LIS25BATR Datasheet
1,022Kb / 32P
MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
May 2019 Rev 4
More results

Similar Description - LIS25BA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DL STMICROELECTRONICS-LSM330DL Datasheet
1Mb / 54P
Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
19-Jul-2011
LSM6DS3 STMICROELECTRONICS-LSM6DS3 Datasheet
1Mb / 100P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DS3H STMICROELECTRONICS-LSM6DS3H Datasheet
1Mb / 104P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DSM STMICROELECTRONICS-LSM6DSM Datasheet
1Mb / 113P
always-on 3D accelerometer and 3D gyroscope
12-Feb-2016
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSOP STMICROELECTRONICS-LSM6DSOP Datasheet
2Mb / 107P
iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
17-Feb-2020
STEVAL-MKI216V1K STMICROELECTRONICS-STEVAL-MKI216V1K Datasheet
150Kb / 4P
Digital inclinometer kit based on IIS3DHHC
Rev 1 - November 2020
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com