Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-USBPD45C Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEVAL-USBPD45C
Description  45 W USB Type-C™ Power Delivery adapter reference design based on STCH03, STM32F051 and STUSB1602A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-USBPD45C Datasheet(HTML) 7 Page - STMicroelectronics

  STEVAL-USBPD45C Datasheet HTML 1Page - STMicroelectronics STEVAL-USBPD45C Datasheet HTML 2Page - STMicroelectronics STEVAL-USBPD45C Datasheet HTML 3Page - STMicroelectronics STEVAL-USBPD45C Datasheet HTML 4Page - STMicroelectronics STEVAL-USBPD45C Datasheet HTML 5Page - STMicroelectronics STEVAL-USBPD45C Datasheet HTML 6Page - STMicroelectronics STEVAL-USBPD45C Datasheet HTML 7Page - STMicroelectronics STEVAL-USBPD45C Datasheet HTML 8Page - STMicroelectronics STEVAL-USBPD45C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Figure 7. STEVAL-USBPD45I PSB interface connector
GND
CN3
1
2
3
4
5
6
7
CN4
1
2
3
4
5
6
7
DISCHARGE
Vout
I/O_1_uC
Vout
I/O_2_uC
3.3V
I/O_3_uC
PWM_SR
VDS_Sense
Figure 8. STEVAL-USBPD45I test points
TP5
TP4
TP9
TP3
TP10
TP8
CC1
CC2
DAC1
VDS_Sense
DBG
ALERT#
STEVAL-USBPD45C
Schematics diagram for STEVAL-USBPD45I
DB3575 - Rev 3
page 7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com