Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L151CCT6 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32L151CCT6
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151CCT6 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32L151CCT6 Datasheet HTML 41Page - STMicroelectronics STM32L151CCT6 Datasheet HTML 42Page - STMicroelectronics STM32L151CCT6 Datasheet HTML 43Page - STMicroelectronics STM32L151CCT6 Datasheet HTML 44Page - STMicroelectronics STM32L151CCT6 Datasheet HTML 45Page - STMicroelectronics STM32L151CCT6 Datasheet HTML 46Page - STMicroelectronics STM32L151CCT6 Datasheet HTML 47Page - STMicroelectronics STM32L151CCT6 Datasheet HTML 48Page - STMicroelectronics STM32L151CCT6 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 136 page
background image
DocID022799 Rev 13
45/136
STM32L151xC STM32L152xC
Pin descriptions
51
B5
92 58 B5 42
PB6
I/O
FT
PB6
TIM4_CH1/I2C1_SCL/
USART1_TX
COMP2_INP
B4
93 59 C5 43
PB7
I/O
FT
PB7
TIM4_CH2/I2C1_SDA/
USART1_RX
COMP2_INP/PVD_IN
A4
94 60 A6 44
BOOT0
I
B
BOOT0
-
-
A3
95 61 B6 45
PB8
I/O
FT
PB8
TIM4_CH3/TIM10_CH1/
I2C1_SCL/LCD_SEG16
-
B3
96 62 C6 46
PB9
I/O
FT
PB9
TIM4_CH4/TIM11_CH1/
I2C1_SDA/LCD_COM3
-
C3
97
-
-
-
PE0
I/O
FT
PE0
TIM4_ETR/TIM10_CH1/
LCD_SEG36
-
A2
98
-
-
-
PE1
I/O
FT
PE1
TIM11_CH1/
LCD_SEG37
-
D3
99 63 A7 47
VSS_3
S-
VSS_3
--
C4 100 64 B7 48
VDD_3
S-
VDD_3
--
1. I = input, O = output, S = supply.
2. Function availability depends on the chosen device.
3. Applicable to STM32L152xC devices only. In STM32L151xC devices, this pin should be connected to VDD.
4. The PC14 and PC15 I/Os are only configured as OSC32_IN/OSC32_OUT when the LSE oscillator is ON (by setting the
LSEON bit in the RCC_CSR register). The LSE oscillator pins OSC32_IN/OSC32_OUT can be used as general-purpose
PH0/PH1 I/Os, respectively, when the LSE oscillator is off (after reset, the LSE oscillator is off). The LSE has priority over
the GPIO function. For more details, refer to Using the OSC32_IN/OSC32_OUT pins as GPIO PC14/PC15 port pins
section in the STM32L151xx, STM32L152xx and STM32L162xx reference manual (RM0038).
5. The PH0 and PH1 I/Os are only configured as OSC_IN/OSC_OUT when the HSE oscillator is ON (by setting the HSEON
bit in the RCC_CR register). The HSE oscillator pins OSC_IN/OSC_OUT can be used as general-purpose PH0/PH1 I/Os,
respectively, when the HSE oscillator is off ( after reset, the HSE oscillator is off ). The HSE has priority over the GPIO
function.
Table 9. STM32L151xC and STM32L152xC pin definitions (continued)
Pins
Pin name
Main
function(2)
(after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com