Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77813 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX77813
Description  5.5V Input, 2A, High-Efficiency Buck-Boost Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77813 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX77813 Datasheet HTML 17Page - Maxim Integrated Products MAX77813 Datasheet HTML 18Page - Maxim Integrated Products MAX77813 Datasheet HTML 19Page - Maxim Integrated Products MAX77813 Datasheet HTML 20Page - Maxim Integrated Products MAX77813 Datasheet HTML 21Page - Maxim Integrated Products MAX77813 Datasheet HTML 22Page - Maxim Integrated Products MAX77813 Datasheet HTML 23Page - Maxim Integrated Products MAX77813 Datasheet HTML 24Page - Maxim Integrated Products MAX77813 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Clock Stretching
In general, the clock signal generation for the I2C bus is
the responsibility of the master device. I2C specification
allows slow slave devices to alter the clock signal by
holding down the clock line. The process in which a slave
device holds down the clock line is typically called clock
stretching. The device does not use any form of clock
stretching to hold down the clock line.
General Call Address
The device does not implement I2C specification “General
Call Address.” If the device sees “General Call Address
(00000000b)” it does not issue an ACKNOWLEDGE (A).
Communication Speed
The device provides I2C 3.0-compatible (3.4MHz) serial
interface.
● I2C Revision 3 Compatible Serial Communications
Channel
• 0Hz to 100kHz (Standard mode)
• 0Hz to 400kHz (Fast mode)
• 0Hz to 1MHz (Fast-mode plus)
• 0Hz to 3.4MHz (High-speed mode)
● Does not utilize I2C Clock Stretching
Operating in standard mode, fast mode, and fast-mode
plus does not require any special protocols. The main
consideration when changing the bus speed through
this range is the combination of the bus capacitance and
pullup resistors. Higher time constants created by the
bus capacitance and pullup resistance (C x R) slow the
bus operation. Therefore, when increasing bus speeds,
the pullup resistance must be decreased to maintain a
reasonable time constant. See the Pullup Resistor Sizing
section of the I2C revision 3.0 specification for detailed
guidance on the pullup resistor selection. In general, for
bus capacitances of 200pF, a 100kHz bus needs 5.6kΩ
pullup resistors, a 400kHz bus needs about 1.5kΩ pullup
resistors, and a 1MHz bus needs 680Ω pullup resistors.
Note that the pullup resistor is dissipating power when the
open-drain bus is low. The lower the value of the pullup
resistor, the higher the power dissipation (V2/R).
Operating in high-speed mode requires some special con-
siderations. For the full list of considerations, see the I2C
3.0 specification. The major considerations with respect to
the MAX77813 are:
● I2C bus master use current source pullups to shorten
the signal rise times.
● I2C slave must use a different set of input filters on
its SDA and SCL lines to accommodate for the higher
bus speed.
● The communication protocols need to utilize the high-
speed master code.
At power-up and after each STOP condition, the device
input filters are set for standard mode, fast mode, or
fast-mode plus (i.e., 0Hz to 1MHz). To switch the input
filters for high-speed mode, use the high-speed master
code protocols that are described in the Communication
Protocols section.
Communication Protocols
The device supports both writing and reading from its reg-
isters. The following sections show the I2C communica-
tion protocols for each functional block. The power block
uses the same communication protocols.
MAX77813
5.5V Input, 2A, High-Efficiency
Buck-Boost Converter
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com