Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1746907 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1746907
Description  Feed-through header - MSTBA 2,5/15-G-5,08 BK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1746907 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1746907 Datasheet HTML 1Page - PHOENIX CONTACT 1746907 Datasheet HTML 2Page - PHOENIX CONTACT 1746907 Datasheet HTML 3Page - PHOENIX CONTACT 1746907 Datasheet HTML 4Page - PHOENIX CONTACT 1746907 Datasheet HTML 5Page - PHOENIX CONTACT 1746907 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1746907
09/12/2020   Page 2 / 6
Feed-through header - MSTBA 2,5/15-G-5,08 BK - 1746907
Technical data
Item properties
Number of connections
15
Number of potentials
15
Electrical parameters
Nominal current
12 A
Nom. voltage
320 V
Rated voltage
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
400 V
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC 60068-2-82/
JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Tin-plated
Metal surface contact area (top layer)
Tin (3 - 5 µm Sn)
Metal surface contact area (middle layer)
Nickel (1 - 3 µm Ni),
Metal surface soldering area (top layer)
Tin (3 - 5 µm Sn)
Metal surface soldering area (middle layer)
Nickel (1 - 3 µm Ni)
Material data - housing
Housing color
black (9005)
Insulating material
PBT
Insulating material group
IIIa
CTI according to IEC 60112
225
Flammability rating according to UL 94
V0
Dimensions for the product
Length [ l ]
12 mm
Width [ w ]
78.12 mm
Height [ h ]
12.1 mm
Pitch
5.08 mm
Height (without solder pin)
8.6 mm
Solder pin [P]
3.5 mm
Dimensions for PCB design
Hole diameter
1.4 mm
Packaging information
Type of packaging
packed in cardboard
Pieces per package
50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com